Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAF1080BCPZ Datasheet(PDF) 33 Page - Analog Devices

Part # ADAF1080BCPZ
Description  Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAF1080BCPZ Datasheet(HTML) 33 Page - Analog Devices

Back Button ADAF1080BCPZ Datasheet HTML 28Page - Analog Devices ADAF1080BCPZ Datasheet HTML 29Page - Analog Devices ADAF1080BCPZ Datasheet HTML 30Page - Analog Devices ADAF1080BCPZ Datasheet HTML 31Page - Analog Devices ADAF1080BCPZ Datasheet HTML 32Page - Analog Devices ADAF1080BCPZ Datasheet HTML 33Page - Analog Devices ADAF1080BCPZ Datasheet HTML 34Page - Analog Devices ADAF1080BCPZ Datasheet HTML 35Page - Analog Devices ADAF1080BCPZ Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Data Sheet
ADAF1080
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 33 of 36
Contactless Current Measurement up to ±640
A Using Three ADAF1080 Sensors in a Ring
Architecture
Three ADAF1080 sensors can be used in a ring architecture to
achieve contactless current measurements up to ±200 A nominal
with ±640 A over current detection by measuring the magnetic
field generated by a conductor. A reference design of this ring
architecture that uses three ADAF1080 sensors is available as
the EVAL-ADAF1080-3EBZ customer evaluation board. Figure 59
shows three ADAF1080 devices, G = 80, connected to a summing
amplifier and a 14.7 kHz filter to average the output of the three
sensors and to minimize error due to mechanical tolerances and
nearby magnetic field interference.
Figure 59. Design Example with the EVAL-ADAF1080-3EBZ Evaluation Board
Table 19. Component Values for the Design Example with the EVAL-ADAF1080-3EBZ
Component
Description
Suggested Part Number
U1, U2, U3
Integrated ±8 mT AMR magnetic field sensor and signal conditioner
ADAF1080BCPZ
AD4002
18-bit, 2 MSPS, precision, pseudo differential, SAR ADC
AD4002BRMZ
ADA4807
Low noise 180 MHz, rail-to-rail Input/output amplifiers
ADA4807-1AKSZ
C1, C3, C5
1 µF ceramic capacitors, 16 V, 0603
CGA3E1X7R1C105K080AC
C2, C4, C6
0.1 µF ceramic capacitors
08055C104JAT2A
C7
2700 pF ceramic capacitor
C2012C0G1H272J060AA
CFLIP1, CFLIP2, CFLIP3, C8
10 µF ceramic capacitors, 25 V, 0805
GRM21BR61E106KA73L
RFLIP1, RFLIP2, RFLIP3
100 Ω resistors, 1/10 W, 1%, 0603, SMD
WR06X1000FTL
R1, R2, R3
12 kΩ resistors, 1/10 W, 0.1%, 0603, SMD
RT0603BRE0712KL
R4
4 kΩ resistor, 1/10 W, 0.1%, 0603, SMD
RT0603BRD07100KL
R5, R6
50 kΩ resistors, 1/10 W, 0.1%, 0603, SMD
RT0603BRD0750KL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com