Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAF1080BCPZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADAF1080BCPZ
Description  Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAF1080BCPZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADAF1080BCPZ Datasheet HTML 14Page - Analog Devices ADAF1080BCPZ Datasheet HTML 15Page - Analog Devices ADAF1080BCPZ Datasheet HTML 16Page - Analog Devices ADAF1080BCPZ Datasheet HTML 17Page - Analog Devices ADAF1080BCPZ Datasheet HTML 18Page - Analog Devices ADAF1080BCPZ Datasheet HTML 19Page - Analog Devices ADAF1080BCPZ Datasheet HTML 20Page - Analog Devices ADAF1080BCPZ Datasheet HTML 21Page - Analog Devices ADAF1080BCPZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Data Sheet
ADAF1080
TERMINOLOGY
analog.com
Rev. 0 | 18 of 36
BSENSE
BSENSE is defined as the magnetic field vector in parallel with the
sense field axis of the sensor and in-plane with the package of
the sensor. Figure 41 shows the sense field axis relative to the
ADAF1080 package.
Figure 41. Sense Field Axis and Cross Field Axis
SDEVICE
SDEVICE is the magnetic sensitivity of the device defined as the
proportional change of the voltage output of the sensor due to a
change in the applied magnetic field on the sense field axis at TA =
25°C, as shown in Figure 41.
SCOEFF1
SCOEFF1 is the best-fit coefficient for a first-order linear fit of the
magnetic sensitivity of the device (SDEVICE) in the sense field axis
for each of the three ranges shown in Table 2, Table 3, and Table 4.
SCOEFF1 = Linear Best Fit(BSENSE vs. VOUT)
SCOEFF3
SCOEFF3 is the third-order coefficient used to compensate nonlinear-
ity of the output of the ADAF1080.
SERROR
SERROR is the sensitivity error defined as the difference between
the measured sensitivity of the device (SDEVICE) and the ideal
sensitivity (SCOEFF1). SERROR is expressed as a percentage of the
ideal sensitivity and is mathematically defined as follows:
SERROR= SDEVICE−SCOEFF1
SCOEFF1
×100
SDEVICE_T
SDEVICE_T is the measured sensitivity for the device at the operating
temperature.
SERROR_TC
SERROR_TC is the sensitivity error over temperature and is defined
as difference between the measured sensitivity of a device at the
operating temperature against the measured sensitivity at TA =
25°C, SDEVICE. SERROR_TC is expressed as a percentage of the
ideal sensitivity and is mathematically defined as follows:
SERROR_TC= SDEVICE_T−SDEVICE
SCOEFF1
×100
Full-Scale Range (FSR)
The FSR of a bipolar measurement is defined as the variation of
the output voltage when the highest valid positive and negative
magnetic fields are applied in the application.
The FSR of a ±8 mT magnetic field range is the change in output
voltage over a 16 mT range.
The FSR of a unipolar measurement is equivalent to the variation of
the output voltage between 0 mT and the highest absolute value of
the magnetic field range.
The FSR of a 0 mT to 8 mT range is the change in output voltage
over an 8 mT range.
LERROR
LERROR is the percentage linearity error and is defined as the worst
case deviation of VOUT from the expected VOUT based on SCOEFF1
across the operating magnetic field range. LERROR does not include
offset error, sensitivity error, temperature related errors, or noise.
LERROR is expressed as a percentage of the output voltage FSR
and is mathematically defined as follows:
LERROR= SCOEFF1×BSENSE−SDEVICE×BSENSE
FSR
×100
Cross Field (BCROSS)
BCROSS is defined as the magnetic field vector perpendicular to, and
in plane with, the sense field axis of the sensor.
The component of the magnetic field vector out of plane of the
package is not considered as cross field because it does not affect
the sensor, and it can be ignored. Figure 41 outlines this cross field
axis relative to the ADAF1080 package.
Stray Field
Stray field is any interferer magnetic field that is measurable on the
sense field axis of the ADAF1080 but is not the target magnetic
field to be measured. These interferers can be generated by a
nearby magnet, a current into a conductor, the influence of a
nearby ferromagnetic material, or the magnetic field of the earth.
The ADAF1080 cannot differentiate between stray fields and target
fields. Therefore, PCB and system board layout and component
placement is critical to minimize stray fields and to achieve optimal
measurement results as described in the Recommended PCB
Layout section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com