Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAF1080BCPZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADAF1080BCPZ
Description  Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAF1080BCPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADAF1080BCPZ Datasheet HTML 21Page - Analog Devices ADAF1080BCPZ Datasheet HTML 22Page - Analog Devices ADAF1080BCPZ Datasheet HTML 23Page - Analog Devices ADAF1080BCPZ Datasheet HTML 24Page - Analog Devices ADAF1080BCPZ Datasheet HTML 25Page - Analog Devices ADAF1080BCPZ Datasheet HTML 26Page - Analog Devices ADAF1080BCPZ Datasheet HTML 27Page - Analog Devices ADAF1080BCPZ Datasheet HTML 28Page - Analog Devices ADAF1080BCPZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Data Sheet
ADAF1080
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 25 of 36
The ADAF1080 is an integrated magnetic field sensor and signal
conditioning ASIC that can be used with an ADC and microcontrol-
ler, digital signal processor (DSP), and/or field-programmable gate
array (FPGA) to build a complete ±8 mT contactless magnetic field
sensing solution or a contactless current sensing solution capable
of measuring currents in excess of ±500 A.
TYPICAL APPLICATION DIAGRAM
Figure 50 shows a single ADAF1080 connected to an ADC operat-
ing at 3.3 V and a microcontroller showing the required external
components.
Figure 50. Typical Application Diagram for Magnetic Field Sensing with the ADAF1080 and an ADC Operating at 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com