Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAF1080BCPZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADAF1080BCPZ
Description  Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAF1080BCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADAF1080BCPZ Datasheet HTML 4Page - Analog Devices ADAF1080BCPZ Datasheet HTML 5Page - Analog Devices ADAF1080BCPZ Datasheet HTML 6Page - Analog Devices ADAF1080BCPZ Datasheet HTML 7Page - Analog Devices ADAF1080BCPZ Datasheet HTML 8Page - Analog Devices ADAF1080BCPZ Datasheet HTML 9Page - Analog Devices ADAF1080BCPZ Datasheet HTML 10Page - Analog Devices ADAF1080BCPZ Datasheet HTML 11Page - Analog Devices ADAF1080BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Data Sheet
ADAF1080
SPECIFICATIONS
analog.com
Rev. 0 | 8 of 36
Diagnostic Coil Specifications
Table 7. Diagnostic Coil Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DIAGNOSTIC
Diagnostic Coil Resistance
RDIAG
12
mΩ
DIAG+ Input Voltage
VDD
V
DIAG+ Input Current
IDIAG
100
mA
Magnetic Field Factor
BDIAG
The magnetic field experienced by the AMR sensor element per unit (IDIAG =
100 mA, 1 unit)
22.8
μT
Temperature Sensor Specifications
Table 8. Temperature Sensor Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
TEMPERATURE SENSOR
VTEMP Output Voltage
VDD = 5 V, TA = 25°C
2.25
2.56
2.88
V
VTEMP Temperature Coefficient
TCVTEMP
VDD = 5 V
15
mV/°C
VTEMP Output Voltage Range
VDD = 5 V, TA = −40°C to +125°C
1.68
4.45
V
VTEMP Output Error
After initial calibration at TA = 25°C
TA = 25°C to 85°C
±1.25
°C
TA = 25°C to 125°C
±3
°C
VTEMP Output Resistance
73
Ω
VTEMP Load Capacitance
CVTEMP
20
pF
Synchronization and Chopping Specifications
Table 9. Synchronization and Chopping Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SYNC_EN
Input Voltage
High
VIH
3
V
Low
VIL
1.6
V
Input Drive Current
IB
25
µA
Setup Time
tSETUP
60
ns
SYNC
Input Frequency Range
fSYNC
SYNC_EN = VDD for synchronization feature, fSYNC = 1/SYNC time
(tSYNC)
400
1600
kHz
Minimum Pulse Width
High
tHIGH
150
ns
Low
tLOW
150
ns
Input Voltage
High
VIH
3
V
Low
VIL
1.6
V
Input Drive Current
IB
25
µA
Chopping Clock Delay
tCONV
50
ns
Chopping Frequency
fCHOP
Chopping frequency of the amplifier, fCHOP = 1/chopping time (tCHOP)
SYNC = GND
200
kHz
400 kHz < fSYNC < 1600 kHz, SYNC_EN = VDD
fSYNC/4
kHz
SYNC = VDD
Chopping disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com