Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAF1080BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADAF1080BCPZ
Description  Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAF1080BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADAF1080BCPZ Datasheet HTML 6Page - Analog Devices ADAF1080BCPZ Datasheet HTML 7Page - Analog Devices ADAF1080BCPZ Datasheet HTML 8Page - Analog Devices ADAF1080BCPZ Datasheet HTML 9Page - Analog Devices ADAF1080BCPZ Datasheet HTML 10Page - Analog Devices ADAF1080BCPZ Datasheet HTML 11Page - Analog Devices ADAF1080BCPZ Datasheet HTML 12Page - Analog Devices ADAF1080BCPZ Datasheet HTML 13Page - Analog Devices ADAF1080BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Data Sheet
ADAF1080
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 10 of 36
Table 10. Absolute Maximum Ratings
Parameter
Rating
VDD
GND − 0.3 V to +6 V
All Input and Output Pins
GND − 0.3 V to VDD + 0.3 V
Temperature
Operating Junction Range
−40°C to +125°C
Storage Range
−40°C to +125°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Close attention to PCB
thermal design is required.
θJA is the natural convection junction-to-ambient thermal resistance
measured in a one cubic foot sealed enclosure. θJC is the junction-
to-case thermal resistance.
Table 11. Thermal Resistance
Package Type
θJA
θJC
Unit
CP-20-21
36
62
°C/W
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001-2014
Charged device model (CDM) per ANSI/ESDA/JEDEC JS-002.
ESD Ratings for the ADAF1080
Table 12. ADAF1080, 20-Lead LFCSP
ESD Model
Withstand Threshold (V)
Class
HBM
3500
2
CDM
1250
1
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com