Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAF1080BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADAF1080BCPZ
Description  Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAF1080BCPZ Datasheet(HTML) 5 Page - Analog Devices

  ADAF1080BCPZ Datasheet HTML 1Page - Analog Devices ADAF1080BCPZ Datasheet HTML 2Page - Analog Devices ADAF1080BCPZ Datasheet HTML 3Page - Analog Devices ADAF1080BCPZ Datasheet HTML 4Page - Analog Devices ADAF1080BCPZ Datasheet HTML 5Page - Analog Devices ADAF1080BCPZ Datasheet HTML 6Page - Analog Devices ADAF1080BCPZ Datasheet HTML 7Page - Analog Devices ADAF1080BCPZ Datasheet HTML 8Page - Analog Devices ADAF1080BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Data Sheet
ADAF1080
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 36
GENERAL CHARACTERISTICS
−40°C ≤ TA ≤ +125°C, VDD = 4.5 V to 5.5 V, the VOUT pin has a 1 kΩ resistor load (ROUT) with a 1 nF capacitor load (COUT) to GND. VOUT is
taken between the ROUT and COUT components. The output voltage common mode is set to VSET/2, where VSET is the voltage on the VSET pin
and is tied to VDD, unless otherwise stated.
Table 5. General Characteristics
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
OFFSET—OUTPUT REFERRED
Electrical Offset with Flipping
VOFFSETwFLIP Residual offset with the use of internal flip coil
TA = −40°C to +125°C, VDD = 5 V, G = 801
20
µV
TA = −40°C to +125°C, input equivalent2
100
nT
Electrical Offset Stability
Standard deviation of VOFFSETwFLIP3
TA = 25°C, VDD = 5 V, G = 801
6.8
µV rms
TA = 25°C, input equivalent
34
nT rms
Electrical Offset without Flipping
VOFFSET
Without the use of the internal flip coil
TA = 25°C, VDD = 5 V, G = 801
−100
−4
+100
mV
Temperature Offset Coefficient
TCOFFSET
Without the use of the internal flip coil
TA = −40°C to +125°C, VDD = 5 V, G = 801
−130
+650
μV/°C
TA = −40°C to +125°C, input equivalent
±650
nT/°C
Electrical Offset Drift over Lifetime
VOFFSET_LT
Without the use of the internal flip coil
VDD = 5 V, G = 80, TA = 25°C1
−23
μV
Magnetic Offset Hysteresis
Sweep from −8 mT to +8 mT
0.7
μT
OUTPUT
Bandwidth
f−3dB
−3 dB bandwidth
ROUT = 0 Ω, COUT = 150 pF, G = 80
1.45
MHz
ROUT = 0 Ω, COUT = 150 pF, G = 40 or G = 20
2.2
MHz
Noise
VNOISE
Low frequency RMS noise, 0.1 Hz to 10 Hz, VDD = 5 V, G =
80, B = 0 mT1
Chopping enabled, SYNC_EN pin pulled to VDD
16
µV rms
Chopping disabled, SYNC_EN pin pulled to GND
350
µV rms
Noise density, frequency = 50 kHz, VDD = 5 V, G = 80, B = 0
mT1
1.2
µV/√Hz
Noise density magnetic field equivalent, frequency = 50 kHz,
VDD = 5 V, G = 80, B = 0 mT
6
nT/√Hz
Voltage Range
VOUT
0.2
VDD − 0.2
V
Internal Series Resistance
RSERIES
Series resistance on the VOUT pin
2
Ω
External Load Capacitance
COUT
From ROUT to GND, solder close to the package, ROUT = 0 Ω
in series with VOUT
100
150
pF
200 Ω < ROUT < 5 kΩ
1
10
nF
ROUT > 5 kΩ
10
nF
Short-Circuit Current
ISC
Short to GND
−50
mA
Short to VDD
70
mA
VSET INPUT
Voltage Range
VSET
Sets the output common mode to VSET/2, where VSET is the
voltage applied to the VSET pin
0.1
VDD − 0.1
V
Input Impedance
RIN
70
kΩ
DIGITAL INPUTS (A0, A1)
Input Voltage
High
VIH
1.5
V
Low
VIL
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com