Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAF1080BCPZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADAF1080BCPZ
Description  Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAF1080BCPZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADAF1080BCPZ Datasheet HTML 19Page - Analog Devices ADAF1080BCPZ Datasheet HTML 20Page - Analog Devices ADAF1080BCPZ Datasheet HTML 21Page - Analog Devices ADAF1080BCPZ Datasheet HTML 22Page - Analog Devices ADAF1080BCPZ Datasheet HTML 23Page - Analog Devices ADAF1080BCPZ Datasheet HTML 24Page - Analog Devices ADAF1080BCPZ Datasheet HTML 25Page - Analog Devices ADAF1080BCPZ Datasheet HTML 26Page - Analog Devices ADAF1080BCPZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Data Sheet
ADAF1080
THEORY OF OPERATION
analog.com
Rev. 0 | 23 of 36
Table 14. Truth Table Logic Levels for the PGIA
A1
A0
Gain
GND
VDD
20
GND
GND
Do not use
VDD
GND
40
VDD
VDD
80
FLIP COIL AND FLIP COIL DRIVER
The integrated flip coil at the AMR sensors enables the user to set
and reset the magnetic domains of the AMR field sensor to align
the sense field axis in the positive or negative polarity, as described
in the AMR Magnetic Field Sensor section.
This flip coil can be used to:
►
Change the polarity of the AMR sensor enabling electrical-offset
cancellation, including thermal coefficient and lifetime drift
►
Set the sensor to a known state at startup
►
Reset the sensor following a magnetic saturation event
For ease-of-use, the ADAF1080 integrates a flip coil driver. A rising
edge on the FLIP_DRV pin generates a positive current pulse
through the flip coil, setting a positive sensitive polarity on the
sense field axis, and a falling edge generates a negative current
pulse through the flip coil, setting a negative sensitive polarity on
the sense field axis. In Figure 47, the orientation of the sense field
axis is shown with the arrows.
If FLIP_DRV is left floating or connected to VDD, the FLIP_DRV
pin automatically generates at startup a positive-current pulse to
ensure initialization of the sensor with a positive-sensitivity polarity.
Figure 47. The Polarity of the AMR Sensor Sensitivity (Positive Sensitivity
Polarity When FLIP_DRV Set High Shown on the Left, and Negative
Sensitivity Polarity when FLIP_DRV Set Low Shown on the Right)
The output of the sensor after a negative flip edge can be defined
as the following:
VOUTFn=−BSENSE×SDEVICE+VSET2+VOFFSET (2)
where:
BSENSE is the magnetic field vector on the sense field axis of the
ADAF1080.
SDEVICE is the sensitivity of the ADAF1080 due to a magnetic field
on the sense field axis.
VSET is the voltage on the VSET pin.
VOFFSET is the output voltage when BSENSE = 0 mT.
After a positive flip edge, the output of the sensor can be defined as
the following:
VOUTFp=BSENSE×SDEVICE+VSET2+VOFFSET (3)
Equation 2 shows the sensor response after a negative-current
pulse through the flip coil, and Equation 3 shows the sensor
response after a positive-current pulse through the flip coil. VOFFSET
is the electrical output from the device with zero magnetic field
applied as shown in Figure 48
Using Equation 2 and Equation 3, the user can calculate and
remove the electrical offset from the measurement, as described in
the Electrical Offset Cancellation section.
Figure 48. Sensor Response Following a Positive and a Negative Current
Pulse Through the Flip Coil
DIAGNOSTIC COIL
The lead frame of the ADAF1080 can be used to provide a conduc-
tive path such that a known current can be applied at the AMR
magnetic sensor to generate a known magnetic field. The exposed
pad of the ADAF1080 package is fused with Pin 8 and Pin 18. This
conductive path is referred to as the diagnostic coil (see Figure 49).
The diagnostic coil enables the user to generate a known magnetic
field that can verify the sensitivity of the AMR sensor. When a
current (IDIAG) is driven through the diagnostic coil, a magnetic field
(BDIAG) is sensed by the AMR sensor as shown in the following
equation. Ensure that the maximum diagnostic current (IDIAG) does
not exceed 100 mA, and that the time duration of the diagnostic
coil excitation is limited due to thermal considerations. To calculate
the magnetic field detected by the AMR sensor (BDIAG) using the
following equation:
BDIAG= 22.8 μT/100 mA ×IDIAG
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com