Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAF1080BCPZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADAF1080BCPZ
Description  Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAF1080BCPZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADAF1080BCPZ Datasheet HTML 18Page - Analog Devices ADAF1080BCPZ Datasheet HTML 19Page - Analog Devices ADAF1080BCPZ Datasheet HTML 20Page - Analog Devices ADAF1080BCPZ Datasheet HTML 21Page - Analog Devices ADAF1080BCPZ Datasheet HTML 22Page - Analog Devices ADAF1080BCPZ Datasheet HTML 23Page - Analog Devices ADAF1080BCPZ Datasheet HTML 24Page - Analog Devices ADAF1080BCPZ Datasheet HTML 25Page - Analog Devices ADAF1080BCPZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Data Sheet
ADAF1080
THEORY OF OPERATION
analog.com
Rev. 0 | 22 of 36
OPERATING MAGNETIC FIELD RANGE
The ADAF1080 AMR field sensor is capable of accurately measur-
ing magnetic fields in the ±8 mT range along the sense field axis.
The ADAF1080 has a defined operating window dependent on
the combination of the sense field and the cross field detected
by the sensor. The valid operating region for the ADAF1080 over
temperature is shown in Figure 45. The lines plotted within Figure
45 define the worst-case limits for a combination of the sense
field and the cross field that the sensor can be subjected to while
maintaining the sensitivity coefficient in the Specifications section.
Outside this operating region, sensitivity of the sensor reduces from
the specified values. If the combination of the sense field and the
cross field is too far outside the defined operating region shown
in Figure 45, the sensitivity coefficient of the sensor can change
significantly, or in extreme cases, become zero. If the sensitivity
becomes zero, the output voltage of the ADAF1080 does not
change with a changing magnetic field. The diagnostic coil can be
used to determine if such an event has occurred as described in the
Diagnostic Coil section.
When such an event occurs, the functionality of the sensor can be
restored by flipping the sensor by driving the FLIP_DRV pin with
a rising or falling edge provided that the combination of the sense
field and the cross field is within the operating region. For more
information on the flipping functionality, refer to the Flip Coil and
Flip Coil Driver section.
Figure 45. Magnetic Field Operating Region of the ADAF1080
INTEGRATED SIGNAL-CHAIN CONDITIONING
Figure 46 shows the internal sensing signal chain, consisting of
the AMR bridge, flip coil, and the supporting functions for signal
amplification, control, filtering, and buffering.
The sensor sensitivity of an AMR field sensor is inversely propor-
tional to the temperature. To improve the stability of output sensitiv-
ity over temperature, a bridge driver circuit is used to generate
a bridge supply voltage that is proportional to temperature. Full
factory calibration of the bridge driver circuit enables the ADAF1080
to deliver precision stable magnetic field measurements over the
full temperature range.
The precision instrumentation amplifier has programmable gains (G
= 20, 40, or 80) that are set by using the A0 and A1 pins. The
amplified output is then biased around a common-mode voltage of
VSET/2 and buffered to drive the input of an external ADC that can
be referenced to the supply voltage to improve PSRR. This biasing
of the output around a configurable common-mode voltage leads to
optimal use of the input range of the ADC by ensuring that the input
voltage of the ADC tracks the reference voltage of the ADC in a
ratiometric manner.
Figure 46. A Detailed Internal Block Diagram of the ADAF1080
PRECISION INSTRUMENTATION AMPLIFIER
The architecture of the integrated instrumentation amplifier con-
sists of a precision, low-noise, zero-drift amplifier that features
a proprietary chopping technique. This chopping technique offers
a low input-offset voltage (VOFFSET) and input-offset voltage drift
(VOFFSET_LT and TCOFFSET). The zero-drift design also features
ripple suppression circuitry that removes glitches and other artifacts
caused by chopping.
Offset-voltage errors caused by common-mode voltage swings are
corrected by the chopping technique, resulting in a high CMRR of
the static magnetic field. The amplifier features low-input broadband
noise of 15 nV/√Hz with a low flicker noise component due to the
use of chopping. These features are ideal for amplification of the
small AMR bridge signals for high-precision sensing applications.
The gain of the programmable gain instrumentation amplifier
(PGIA) is set through the digital pins (A1 and A0). There are three
possible gain settings that can be used based on the magnetic
field ranges that are used in the application. For example, if the
application only needs a magnetic field range of ±2 mT, using a
PGIA gain = 80 delivers the largest output signal. However, if the
magnetic field range is ±8 mT, using a PGIA gain = 20 enables
the entire magnetic field range to be measured without potentially
overranging an ADC. The gain can be fixed using pull-up and pull-
down resistors or controlled dynamically during the application by a
microcontroller GPIO. The digital inputs (A0 and A1) are internally
pulled up to VDD through a 300 kΩ pull-up resistor. Therefore, the
default gain is 80 if no external voltage is applied, and the A0 and
A1 pins are left no connect. Table 14 outlines the truth table logic
for the three gain setting of the ADAF1080.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com