Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAF1080BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADAF1080BCPZ
Description  Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAF1080BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADAF1080BCPZ Datasheet HTML 3Page - Analog Devices ADAF1080BCPZ Datasheet HTML 4Page - Analog Devices ADAF1080BCPZ Datasheet HTML 5Page - Analog Devices ADAF1080BCPZ Datasheet HTML 6Page - Analog Devices ADAF1080BCPZ Datasheet HTML 7Page - Analog Devices ADAF1080BCPZ Datasheet HTML 8Page - Analog Devices ADAF1080BCPZ Datasheet HTML 9Page - Analog Devices ADAF1080BCPZ Datasheet HTML 10Page - Analog Devices ADAF1080BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Data Sheet
ADAF1080
SPECIFICATIONS
analog.com
Rev. 0 | 7 of 36
OPTIONAL FEATURES SPECIFICATIONS
Flipping Functionality Specifications
Table 6. Flipping Functionality Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
VDD_FLIP
Supply Voltage
VDD_FLIP
4.5
5.5
V
Average Flip Current
IFLIP_AVG
FLIP_DRV clock period (tCLK_FLIP_DRV ) = 0.05 sec, TA = 25°C
308
µA
tCLK_FLIP_DRV = 0.05 sec, TA = −40°C
400
µA
tCLK_FLIP_DRV = 0.05 sec, TA = 125°C
226
µA
Peak Flip Current
IFLIP_ON
Peak current for tPULSE supported by CFLIP
TA = 25°C
2.4
A
TA = −40°C
3.1
A
TA = 125°C
1.8
A
Recommended Input
Capacitance
CFLIP
10
µF
Series Resistance
RFLIP
10
Ω
FLIP_DRV
Input Voltage
High
FLIPHIGH
1.5
V
Low
FLIPLOW
0.3
V
Input Drive Current
IB
25
µA
FLIP_DRV Clock Frequency
fCLK_FLIP_DR
V
tCLK_FLIP_DRV period = 1/fCLK_FLIP_DRV
1000
Hz
Minimum Pulse Width
High
tCYCLE1
320
µs
Low
tCYCLE2
320
µs
Flip Pulse Delay
tDELAY
2.46
2.5
2.55
µs
Flip Pulse Duration
tPULSE
1.2
1.25
1.3
µs
OUTPUT TIMING
Invalid Output Time
tINVALID
Does not include settling of the amplifier
2.5
2.6
µs
Settling Time
tSETTLING
ROUT = 0 Ω, COUT = 150 pF, G = 80, BSENSED = 1 mT, 99% settling
0.7
µs
Figure 2. Flip Coil Driver Timing Diagram with Output Voltage Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com