Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMD30011BAG1-R Datasheet(PDF) 16 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD30011BAG1-R
Description  LIN Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD30011BAG1-R Datasheet(HTML) 16 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZMD30011BAG1-R Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 16Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 17Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 18Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 19Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 20Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Copyright © 2006, ZMD AG, Rev. 0.8, 2006-04-12
16/22
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written
consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD30011
LIN Transceiver
Datasheet
PRELIMINARY
LIN Bus Drivers
Load Conditions at LIN: (RBUS=1kΩ CBUS=1nF CRXD=20pF) or (RBUS=500Ω CBUS=10nF CRXD=20pF)
LIN Bus Speed Parameter
Symbol
Min.
Typ.
Max.
Units
Remarks
Duty Cycle 1 D1
0.396
THRec(max)=0.744* VSUP
THDom(max)=0.581* VSUP
VSUP=7.0…18V; tBit=50 s;
D1= tBUS_rec(min)=/(2* tBit)
Fig. 12
20kBaud
Duty Cycle 2 D2
0.581
THRec(min)=0.422* VSUP
THDom(min)= 0.284* VSUP
VSUP=7.6…18V; tBit=50 s;
D1= tBUS_rec(max)=/(2* tBit)
Fig. 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com