Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMD30011BAG1-R Datasheet(PDF) 7 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD30011BAG1-R
Description  LIN Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD30011BAG1-R Datasheet(HTML) 7 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZMD30011BAG1-R Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Copyright © 2006, ZMD AG, Rev. 0.8, 2006-04-12
7/22
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written
consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD30011
LIN Transceiver
Datasheet
PRELIMINARY
3. Functional Description
3.1
Sequence Control
The internal sequence control manages the operation modi and their transient states (see figure 2).
normal-mode:
INH=high, EN=high, bus transfer permitted
sleep-mode:
INH tristated, EN=low, only bus reception possible
The receiver stands in the active state and the driver is tristated. Setting EN to high brings
the transceiver into the normal-mode. Applying Wake=high at the WAKE pin or a LIN bus
wake-up message bring the device into the wait-mode.
wait-mode:
INH=high, EN=low, bus transfer impossible,
Switching EN to high switches the transceiver into the normal-mode from another mode.
The transceiver switches to the power-down state from any operation mode if VSUP falls below 6.5 V. As soon as
VSUP rises over 6.5V again the transceiver changes from power-down into the wait-mode.
The transceiver changes into the wait-mode too from another mode if the junction temperature rises over 150°C.
The change from wait-mode into the normal mode is caused by setting EN to high.
3.2
Wake-Up-Events
There are three methods how to wake up the transceiver from sleep-mode:
(1) Wake-up by WAKE-pin active
An internal timer supervises the level at the WAKE-pin. If the WAKE-level falls from WAKE-high to WAKE-low and
stays there for minimal 40µs than the timer activates the INH-output. The transceiver switches into the wait-mode
within maximal 150 µs after the falling edge of the WAKE pin. By doing so spike pulses are filtered out effectively.
When the external regulator has reached its output level and the system is ready than the protocol-controller
switches EN=high. The transceiver changes into to the normal-mode and gets ready for bus transfers.
(2) Wake-up by bus-message:
The reception of a LIN-low-level (dominant state for 250 s to 5ms) in the sleep-mode triggers the following wake-
up-sequence:
At the latest 150 s after the falling edge of the LIN signal the transceiver activates the system’s voltage regulator by
setting INH=high and goes to the wait-mode. After a system reaction time (until regulator and application active) the
protocol-controller sets EN=high. The device switches to the normal-mode and gets ready for bus transfers. An anti-
bounce filter suppresses spike pulses from the LIN bus.
(3) Wake-up by EN-pin active:
There are systems with an external power supply which are also active in the LIN-transceiver’s sleep-mode. If the
application of such a system gets active then the protocol controller sets EN=high. The transceiver switches to
normal-mode at once and is ready for the transfer of a wake-up-frame from the protocol controller to the LIN-bus. In
such applications the INH-pin can be used for other purposes, e.g. for an interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com