Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMD30011BAG1-R Datasheet(PDF) 15 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD30011BAG1-R
Description  LIN Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD30011BAG1-R Datasheet(HTML) 15 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZMD30011BAG1-R Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 16Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 17Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 18Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 19Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Copyright © 2006, ZMD AG, Rev. 0.8, 2006-04-12
15/22
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written
consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD30011
LIN Transceiver
Datasheet
PRELIMINARY
7. Timing Characteristics
VSUP = 6.5...18V, TJ=-40...150°C, typical values are specified for VSUP=12V, unless otherwise defined.
Internal Timers
Parameter
Symbol
Min.
Typ.
Max.
Units
Remarks
LIN Falling Edge Slew Rate
tFALL
0.5
1.3
3
V/µs
Fig. 5
LIN Rising Edge Slew Rate
tRISE
0.5
1.3
3
V/µs
Fig. 5
Symmetry of transmitter
propagation delay rising edge
w.r.t. falling edge
tTXDLINSYM
-2
2
µs
tTXDLINL-tTXDLINH
Propagation delay
Receiver:LIN low
RXD low
tRXDLINL
2
4
6
µs
Fig. 6
Propagation delay
Receiver:LIN high
RXD high
tRXDLINH
2
4
6
µs
Fig. 6
Symmetry of receiver
propagation delay rising edge
w.r.t. falling edge
tRXDLINSYM
-2
2
s
tRXDLINH - tRXDLINL
Bus Wake Up Propagation
Delay to INH=High
tLINWAKE
25
60
150
µs
EN=0V
Fig. 7
WAKE Propagation Delay
to INH=High
tWAKE
10
35
120
µs
EN=0V
Fig. 8
EN Propagation delay to
INH=High
tENWAKE
5
20
µs
Fig. 9
EN Propagation delay to
INH=Low
tENSLEEP
5
20
µs
Fig. 10
TXD timeout
tTXDTIMEOUT
6
10
20
ms
EN=0V
TXD=0V
Fig. 11
TXD timeout recovery time
tTXDTOREC
-
10
30
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com