Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMD30011BAG1-R Datasheet(PDF) 10 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD30011BAG1-R
Description  LIN Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD30011BAG1-R Datasheet(HTML) 10 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZMD30011BAG1-R Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Copyright © 2006, ZMD AG, Rev. 0.8, 2006-04-12
10/22
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written
consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD30011
LIN Transceiver
Datasheet
PRELIMINARY
4. Electromagnetic Compatibility and Short-circuit Immunity
Electromagnetic Emission:
The built-in slope-control adjusts the slew rates to 2 V/µs for the rising and the falling edges. As a result the
electromagnetic emission is at a minimum.
Electromagnetic Sensitivity:
The pins LIN, WAKE, VSUP and INH are equipped with protective circuits resistant to electromagnetic imission.
The ESD-protection at these pins is guaranteed for ± 8 kV (Human Body Model).
The protection against transients (test impulses 1...3 according to ISO 7637/1) is improved by the external slave- or
master-capacitors between VSUP and GND and between LIN and GND.
Short Circuit Immunity:
The LIN-interface is short-circuit-proof against VSUP and ground.
5. Fail-Safe-Features
Short-circuit at LIN
The current of the transmitter output stage is limited to ILIM in order to protect the transmitter against short-circuit to
VBAT or GND. In case of such a short-circuit the temperature exceeds the shutdown temperature TSHUT due to the
power dissipation – the ZMD30011 goes into the wait-mode and the transmitter switches off.
The ZMD30011 has a special circuitry implemented that protects the battery from running out of charge in the case
of a short circuit between LIN and GND. In this failure case a normal master termination (1k resistor and diode in
series between LIN and VSUP) would cause a constant current flowing through the termination resistor (even in
sleep mode). In order to use this feature the master termination resistor has to be connected to the INH pin instead
of VSUP.
Loss of Ground or VSUP
A loss of power (pins GND or VSUP) has no impact to the bus line and the protocol handler. Since there are no
reverse currents from the bus the LIN transceiver can be disconnected from the power supply without influencing
the LIN bus. Pin RXD is set floating if VSUP is disconnected.
Thermal Overload
The output driver at pin LIN is protected against thermal overload conditions. If the junction temperature
exceeds the shutdown temperature TSHUT, the thermal protection circuit disables the output driver. The
driver is enabled again if the junction temperature has been decreased by about THYST.
TXD Disconnection
Pin TXD is equipped with an internal pull-down resistor to provide a static low if TXD is disconnected. The LIN line is
prevented from being permanently driven in dominant state by an internal timer.
EN Disconnection
Pin EN provides an internal pull-down resistor in order to force the transceiver into sleep mode in case the pin EN is
unsupplied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com