Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMD30011BAG1-R Datasheet(PDF) 9 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD30011BAG1-R
Description  LIN Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD30011BAG1-R Datasheet(HTML) 9 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZMD30011BAG1-R Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Copyright © 2006, ZMD AG, Rev. 0.8, 2006-04-12
9/22
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written
consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD30011
LIN Transceiver
Datasheet
PRELIMINARY
POWER UP
VSUP > 6.5V
WAIT MODE
EN
INH
Transmitter
RxD
TxD
Low
On
Off
Floating
1)
Low
2)
High
3)
Low
4)
EN = 1
NORMAL MODE
Wake Up event
Via BUS: t > tLINWAKE
Via WAKE:t > tWAKE
EN
INH
Transmitter
RxD
TxD
High
On
On
LIN DATA
MC DATA
EN = 0
EN = 1
SLEEP MODE
EN
INH
Transmitter
RxD
TxD
Low
Off
Off
Floating
High/Low
Fig. 4: State Diagram (Operation Mode)
1) After power up, after wake up event via WAKE
2) After wake up event via BUS
3) After power up, after wake up event via BUS (internal pull down typ. 380kOhm)
4) After wake up event via WAKE (internal strong pull down > 1.5mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com