Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMD30011BAG1-R Datasheet(PDF) 11 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD30011BAG1-R
Description  LIN Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD30011BAG1-R Datasheet(HTML) 11 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZMD30011BAG1-R Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Copyright © 2006, ZMD AG, Rev. 0.8, 2006-04-12
11/22
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written
consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD30011
LIN Transceiver
Datasheet
PRELIMINARY
6. Electrical Parameters
6.1
Maximum Ratings
In accordance with the Absolute Maximum Rating System (IEC 60134), all voltages are referenced to pin GND
Electrical Ratings
Parameter
Symbol
Min
Max
Units
Remarks
continuous voltage at VSUP
transients
VSUP
VSUP
-0.3
30
40
V
V
pulse 1…3 ISO 7637/1
(test circuit figure 8)
input voltage at LIN
DC transients
VLIN
VLIN
-18
-150
30
+100
V
V
pulse 1…3 ISO 7637/1
(test circuit figure 8)
input voltages at TxD, RXD, EN
VIN
-0.3
7.0
V
input voltages at WAKE
DC transients
VINWAKE
VINWAKE
-18
30
40
V
V
pulse 1…3 ISO 7637/1
(test circuit figure 8)
Voltage at INH
VINH
-0.3
VSUP
+0.3
V
ESD at TXD, RXD, EN
VESD
-4
+4
kV
Human Body Model
MIL-STD 883
(100pF via 1.5k )
ESD at LIN, VSUP, INH, WAKE
VHBM
-8
8
kV
Human Body Model
MIL-STD 883
1.5KOhm, 100pF
ESD at all pins
VMM
-200
200
V
Machine Model
220pF
Thermal Ratings
Parameter
Symbol
Min
Max
Units
Remarks
junction temperature
TJ
-40
150
ºC
storage temperature
TSTG
-55
150
ºC
ambient operation temperature
TA
-40
125
ºC
thermal resistance
junction to ambient
RTHA
150
ºC/W
SOP8 (150)
in free air
thermal shutdown
5
TSHUT
150
195
ºC
thermal shutdown
5)
hysteresis
THYST
10
30
ºC
5) not tested, guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com