Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMD30011BAG1-R Datasheet(PDF) 13 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD30011BAG1-R
Description  LIN Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD30011BAG1-R Datasheet(HTML) 13 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZMD30011BAG1-R Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 16Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 17Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Copyright © 2006, ZMD AG, Rev. 0.8, 2006-04-12
13/22
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written
consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD30011
LIN Transceiver
Datasheet
PRELIMINARY
Transmission Data Input TXD
Parameter
Symbol
Min
Typ.
Max
Units
Conditions
Low Level input Voltage
VTXDINL
-0.3
0.8
V
High Level input Voltage
VTXDINH
2.0
7.0
V
TXD input Hysteresis
VTXDHYS
0.03
0.5
V
VTXDHYS=VTXDINH-VTXDINL
TXD Pull-Down resistor
RTXDPD
280
700
2500
kΩ
VEN=5V
VTXD=5V
Low Level leakage Current
ITXDLEAK
-5
0
5
A
VEN=0V
VTXD=0V
TXD dominant current
ITXDDOM
1.0
1.9
8
mA
VWAKE=0V
VSUP=12V
VTXD=0.4V
Receive Data Output RXD (open Drain)
Parameter
Symbol
Min
Typ.
Max
Units
Conditions
Low Level Output Current
IRXDL
2.0
mA
VEN=5V
VLIN=0V
VRXD=0.4V
High Level Leakage Current
IRXDLEAK
-5
5
A
VEN=5V
VTXD=5V
Local Wake-up-input WAKE
Parameter
Symbol
Min
Typ.
Max
Units
Remarks
Wake Up Threshold
High to Low Transition
VWAKETHL
VSUP-3.3
V
VEN=0V
Wake Up Threshold
Low to High Transition
VWAKETLH
VSUP-1.0
V
VEN=0V
WAKE Pull-UP current
IWAKEPU
-60
-3
µA
VWAKE=0V
Leakage Current
IWAKELEAK
-5
5
A
VWAKE=VSUP=18V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com