Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMD30011BAG1-R Datasheet(PDF) 22 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD30011BAG1-R
Description  LIN Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD30011BAG1-R Datasheet(HTML) 22 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZMD30011BAG1-R Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 16Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 17Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 18Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 19Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 20Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 21Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 22Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
Copyright © 2006, ZMD AG, Rev. 0.8, 2006-04-12
22/22
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written
consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD30011
LIN Transceiver
Datasheet
PRELIMINARY
9. Related Documents
ZMD30011 Feature Sheet
Note:
For the current revision of this document and for additional information please go to www.zmd.biz.
10. Ordering Information
Ordering Code
Description
Operation
Temperature
Package
Type
Device
Marking
Shipping Form*
ZMD30011BAG1-T
“green” finished
parts in tube
-40°C to +125°C
SOP8
ZMD
30011BA
G1 YYWW
tube
(97 parts/tube)
ZMD30011BAG1-R
“green” finished
parts in tape on
reel
-40°C to +125°C
SOP8
ZMD
30011BA
G1 YYWW
tape on reel
(2500 parts/reel)
* The quantity ordered should be a multiple of the quantity / packing unit as specified
This information applies to a product under development. Its characteristics and specifications are subject to change without notice. ZMD
assumes no obligation regarding future manufacture unless otherwise agreed in writing. The information furnished hereby is believed to be
correct and accurate. However, ZMD shall not be liable to any customer, licensee or any other third party for any damages in connection with or
arising out of the furnishing, performance or use of this technical data. No obligation or liability to any customer, licensee or any other third
party shall result from ZMD’s rendering of technical or other services.
For further
information:
ZMD AG
Grenzstrasse 28
01109 Dresden, Germany
Phone +49 (0)351-8822-366
Fax +49 (0)351-8822-337
sales@zmd.de
www.zmd.biz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com