Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMD30011BAG1-R Datasheet(PDF) 14 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD30011BAG1-R
Description  LIN Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD30011BAG1-R Datasheet(HTML) 14 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZMD30011BAG1-R Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 16Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 17Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 18Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Copyright © 2006, ZMD AG, Rev. 0.8, 2006-04-12
14/22
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written
consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD30011
LIN Transceiver
Datasheet
PRELIMINARY
Bus Input/Output LIN
Parameter
Symbol
Min
Typ.
Max
Units
Remarks
Input Low Level Voltage
Receiver
VRECL
0
0.4 VSUP
V
VEN=5V
VTXD=5V
Input High Level Voltage
Receiver
VRECH
0.6 VSUP
VSUP
V
VEN=5V
VTXD=5V
Input Hysteresis Receiver
VRECHYS
0.08 VSUP
0.12 VSUP V
VRECHYS=VRECH-VRECL
Input Centerpoint Receiver
VBUS_CNT
0.475
VSUP
0.5 VSUP
0.525
VSUP
V
VBUS_CNT=(VRECL+VRECH)/2
Output Low Level Voltage
Transmitter
VLINL
0.6
0.9
1.6
V
VEN=5V
VTXD=0V
RBUS=500
Output High Level
Transmitter
VLINH
0.9VSUP
VSUP
V
VTXD=5V
ILIN=0mA
Pull Up resistance VSUP to
LIN
RLINPU
20
30
47
kΩ
Output Current Limitation
LIN
ILIM
40
70
150
mA
VEN=5V
VTXD=0V
VSUP=VLIN
Input Current LIN
Dominant
ILINPASdom
-1
mA
VLIN=0V
VSUP=12V
Driver off
Input Current LIN
Recessive
ILINPASrec
2
3
20
µA
VLIN≥VSUP
8V≤VSUP≤18V
8V≤VLIN≤18V
Driver off
Input Current LIN
Recessive, Bus no GND
ILINNOGND
-1.0
1.0
mA
0V ≤ VLIN ≤ 18V
VGND = VVSUP
VSUP = 12V
Lost VSUP Input Current LIN
ILIN
100
µA
VGND=VSUP=0V
0V≤VLIN≤18V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com