Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMD30011BAG1-R Datasheet(PDF) 12 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD30011BAG1-R
Description  LIN Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD30011BAG1-R Datasheet(HTML) 12 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZMD30011BAG1-R Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG ZMD30011BAG1-R Datasheet HTML 16Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Copyright © 2006, ZMD AG, Rev. 0.8, 2006-04-12
12/22
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written
consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD30011
LIN Transceiver
Datasheet
PRELIMINARY
6.2
Electrical Characteristics
VSUP = 6.5...18 V, TJ = -40 ...+150 °C, typical values specified for VSUP = 12 V,
RVSUP-LIN = 500
(if not otherwise defined)
Battery Supply VSUP
Parameter
Symbol
Min
Typ.
Max
Units
Conditions
DC voltage
VSUP
6.5
12
18
V
supply current
in the normal mode,
dominant state
ISDOM
0.7
2.0
3.1
mA
VEN=5V
VTXD=0V
supply current
in the normal mode,
recessive state
ISREC
0.4
1.8
2.2
mA
VEN=5V
VTXD=5V
supply current
in the wait mode
ISWAIT
0.5
1.3
1.8
mA
VEN=0V
VTXD=5V
supply current
in the sleep mode
ISLEEP
4
14
30
A
VEN=0V
VTXD=5V
Mode Control Input Enable EN
Parameter
Symbol
Min
Typ.
Max
Units
Conditions
Low Level input Voltage
VENINL
-0.3
0.8
V
High Level input Voltage
VENINH
2.0
7.0
V
EN input Hysteresis
VENHYS
0.03
0.5
V
VENHYS=VENINH–VENINL
EN Pull-Down resistor
RENPD
280
700
2500
kΩ
VEN=5V
Low Level leakage Current
IENLEAK
-5
0
5
A
VEN=0V
Inhibit Output INH
Parameter
Symbol
Min
Typ.
Max
Units
Remarks
INHIBIT resistance
normal mode
RINH
40
80
Ω
IINH=-15mA
VBAT=12V
INHIBIT
Leakage Current
IINHLEAK
-5
5
µA
Sleep mode
VSUP=18V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com