Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33M656 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC33M656
Description  6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M656 Datasheet(HTML) 2 Page - Microchip Technology

  MIC33M656 Datasheet HTML 1Page - Microchip Technology MIC33M656 Datasheet HTML 2Page - Microchip Technology MIC33M656 Datasheet HTML 3Page - Microchip Technology MIC33M656 Datasheet HTML 4Page - Microchip Technology MIC33M656 Datasheet HTML 5Page - Microchip Technology MIC33M656 Datasheet HTML 6Page - Microchip Technology MIC33M656 Datasheet HTML 7Page - Microchip Technology MIC33M656 Datasheet HTML 8Page - Microchip Technology MIC33M656 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
MIC33M656
DS20006256A-page 2
 2019 Microchip Technology Inc.
Package Types
Typical Application
*
Includes Exposed Thermal Pads (EP); see Table 3-1.
MIC33M656
53-Pin B1QFN*
6mm x 10 mm
EP_PGND
EP_SW
EP_PGND
EP_OUT
47
48
49
50
51
52
20
53
21
22
23
24
25
26
27
OUT
OUT
OUT
PGND
PGND
SW
SW
SW
AUX_PVIN
AGND
VOUT
PG
EN
SDA
AUX_AGND
SW
VOUT
1.0V/6A
MIC33M656
10 μF
Opt.
AUX_PVIN
SCL
SCL
PVIN
47 μF
PGND
VIN
2.4V to 5.5V
PG
VOUT
Power Good
SDA
SDA
EN
EN
SVIN
OUT
47 μF
AUX_AGND
AGND
100k
VIN
2.4 k
Ω
2.4 k
Ω
VIN
VIN
Ordering Information
Part Number
Default Status at Power-up
Output Voltage
Range/Step
Output
Voltage
High-Side
Current Limit
(typical)
TON[1:0]
(ns)
Soft Start
Speed
Overtemp
Latch-Off
Output
Pull-Down When
Disabled
MIC33M656-HAYMP
1.0V
10A
[10] – 130 ns 800 µs/V Latch-Off after
4 OT Cycles
Yes
0.600V-1.280V/5 mV
MIC33M656-FAYMP
0.9V
10A
[10] – 130 ns 800 µs/V Latch-Off after
4 OT Cycles
Yes
0.600V-1.280V/5 mV
MIC33M656-SAYMP
1.0 V
10A
[10] – 130 ns 800 µs/V Latch-Off after
4 OT Cycles
Yes
0.600V-1.280V/10 mV
1.280V-3.840V/20 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com