Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33M656 Datasheet(PDF) 31 Page - Microchip Technology

Part # MIC33M656
Description  6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M656 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MIC33M656 Datasheet HTML 27Page - Microchip Technology MIC33M656 Datasheet HTML 28Page - Microchip Technology MIC33M656 Datasheet HTML 29Page - Microchip Technology MIC33M656 Datasheet HTML 30Page - Microchip Technology MIC33M656 Datasheet HTML 31Page - Microchip Technology MIC33M656 Datasheet HTML 32Page - Microchip Technology MIC33M656 Datasheet HTML 33Page - Microchip Technology MIC33M656 Datasheet HTML 34Page - Microchip Technology MIC33M656 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
 2019 Microchip Technology Inc.
DS20006256A-page 31
MIC33M656
REGISTER 7-3:
VOUT: OUTPUT VOLTAGE CONTROL REGISTER (ADDRESS 0x02)
R/W-V
R/W-V
R/W-V
R/W-V
R/W-V
R/W-V
R/W-V
R/W-V
VO[7:0]
bit 7
bit 0
Legend:
V = Factory programmed POR value
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
VO[7:0]: Output Voltage Control (HAYMP, FAYMP options)
For codes 0x00 to 0x76: 0.6V.
0x80 = 0.645
0xA0 = 0.805V
0xC0 = 0.965
0xE0 = 1.125V
0x81 = 0.65V
0xA1 = 0.81V
0xC1 = 0.97V
0xE1 = 1.13V
0x82 = 0.655V
0xA2 = 0.815V
0xC2 = 0.975V
0xE2 = 1.135V
0x83 = 0.66V
0xA3 = 0.82V
0xC3 = 0.98V
0xE3 = 1.14V
0x84 = 0.665V
0xA4 = 0.825V
0xC4 = 0.985V
0xE4 = 1.145V
0x85 = 0.67V
0xA5 = 0.83V
0xC5 = 0.99V
0xE5 = 1.15V
0x86 = 0.675V
0xA6 = 0.835V
0xC6 = 0.995V
0xE6 = 1.155V
0x87 = 0.68V
0xA7 = 0.84V
0xC7 = 1V
0xE7 = 1.16V
0x88 = 0.685V
0xA8 = 0.845V
0xC8 = 1.005V
0xE8 = 1.165V
0x89 = 0.69V
0xA9 = 0.85V
0xC9 = 1.01V
0xE9 = 1.17V
0x8A = 0.695V
0xAA = 0.855V
0xCA = 1.015V
0xEA = 1.175V
0x8B = 0.7V
0xAB = 0.86V
0xCB = 1.02V
0xEB = 1.18V
0x8C = 0.705V
0xAC = 0.865V
0xCC = 1.025V
0xEC = 1.185V
0x8D = 0.71V
0xAD = 0.87V
0xCD = 1.03V
0xED = 1.19V
0x8E = 0.715V
0xAE = 0.875V
0xCE = 1.035V
0xEE = 1.195V
0x8F = 0.72V
0xAF = 0.88V
0xCF = 1.04V
0xEF = 1.2V
0x90 = 0.725V
0xB0 = 0.885V
0xD0 = 1.045V
0xF0 = 1.205V
0x91 = 0.73V
0xB1 = 0.89V
0xD1 = 1.05V
0xF1 = 1.21V
0x92 = 0.735V
0xB2 = 0.895V
0xD2 = 1.055V
0xF2 = 1.215V
0x93 = 0.74V
0xB3 = 0.9V
0xD3 = 1.06V
0xF3 = 1.22V
0x94 = 0.745V
0xB4 = 0.905V
0xD4 = 1.065V
0xF4 = 1.225V
0x95 = 0.75V
0xB5 = 0.91V
0xD5 = 1.07V
0xF5 = 1.23V
0x96 = 0.755V
0xB6 = 0.915V
0xD6 = 1.075V
0xF6 = 1.235V
0x77 = 0.6V
0x97 = 0.76V
0xB7 = 0.92V
0xD7 = 1.08V
0xF7 = 1.24V
0x78 = 0.605V
0x98 = 0.765V
0xB8 = 0.925V
0xD8 = 1.085V
0xF8 = 1.245V
0x79 = 0.61V
0x99 = 0.77V
0xB9 = 0.93V
0xD9 = 1.09V
0xF9 = 1.25V
0x7A = 0.615V
0x9A = 0.775V
0xBA = 0.935V
0xDA = 1.095V
0xFA = 1.255V
0x7B = 0.62V
0x9B = 0.78V
0xBB = 0.94V
0xDB = 1.1V
0xFB = 1.26V
0x7C = 0.625V
0x9C = 0.785V
0xBC = 0.945V
0xDC = 1.105V
0xFC = 1.265V
0x7D = 0.63V
0x9D = 0.79V
0xBD = 0.95V
0xDD = 1.11V
0xFD = 1.27V
0x7E = 0.635V
0x9E = 0.795V
0xBE = 0.955V
0xDE = 1.115V
0xFE = 1.275V
0x7F = 0.64V
0x9F = 0.8V
0xBF = 0.96V
0xDF = 1.12V
0xFF = 1.28V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com