Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33M656 Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC33M656
Description  6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M656 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC33M656 Datasheet HTML 13Page - Microchip Technology MIC33M656 Datasheet HTML 14Page - Microchip Technology MIC33M656 Datasheet HTML 15Page - Microchip Technology MIC33M656 Datasheet HTML 16Page - Microchip Technology MIC33M656 Datasheet HTML 17Page - Microchip Technology MIC33M656 Datasheet HTML 18Page - Microchip Technology MIC33M656 Datasheet HTML 19Page - Microchip Technology MIC33M656 Datasheet HTML 20Page - Microchip Technology MIC33M656 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
 2019 Microchip Technology Inc.
DS20006256A-page 17
MIC33M656
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
Power Ground Pin (PGND)
PGND is the ground path for the MIC33M656 buck
converter power stage. The PGND pin connects to the
sources of the low-side N-channel MOSFET, the nega-
tive terminals of the input capacitors and the negative
terminals of the output capacitors. The loop for the
Power Ground should be as small as possible and
separate from the Analog Ground (AGND) loop.
3.2
Switch Node Pin (SW)
Switching node output pin which connects to the inter-
nal MOSFETs and inductor. This is a high-frequency
connection; therefore, traces should be kept as short
and as wide as practical.
3.3
Input Voltage Pin (PVIN)
Input supply to the source of the internal high-side
P-channel MOSFET. The PVIN operating voltage range
is from 2.4V to 5.5V. An input capacitor between PVIN
and the Power Ground (PGND) pin is required and
placed as close as possible to the IC.
3.4
Analog Voltage Input Pin (SVIN)
The power to the internal reference and control
sections of the MIC33M656. Internally connected to
PVIN through a 10 resistor.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Symbol
Description
2, 3, 4, 5, 23, 24,
39, 40
PGND
Power Ground is the ground path for the MIC33M650 power module.
1, 53
AUX_PVIN
Auxiliary Power Input Voltage Pins: Connect externally to PVIN.
6, 7, 8, 9, 10, 11, 12,
13, 14, 15, 16, 17,
18, 19, 20, 21, 22
SW
Switch Node Pins. SW connects to the internal MOSFETs and inductor.
Do not connect any external load to this point.
41, 42
PVIN
Power Supply Voltage Pins.
25, 26, 27, 28, 29,
30, 31, 32, 33, 34,
35, 36, 37, 38
OUT
Output Side Connection Pins.
43, 44
SVIN
Analog Voltage Input Pins: The power to the internal reference and
control sections of the MIC33M650. Internally connected to PVIN through
a 10
 resistor.
46, 47
AUX_AGND
Auxiliary Analog Ground Pins: Connect externally to AGND.
45
SCL
I2C Clock (Input) Pin: I2C serial bus clock input.
48
SDA
I2C Data (Input/Output) Pin: I2C serial bus data bidirectional pin.
49
EN
Enable (Input) Pin: Logic high enables the operation of the regulator. The
EN pin should not be left floating.
50
PG
Power Good (Output) Pin: This is an open-drain output that indicates
when the output voltage is higher than the 91% limit.
51
VOUT
Output Voltage Sense (Input) Pin: This pin is used to remotely sense the
output voltage. Connect VOUT as close to the output capacitor as possible
to sense the output voltage.
52
AGND
Analog Ground Pin: Internal signal ground for all low-power circuits.
54
EP_OUT
Exposed Thermal Pad: Internally connected to OUT.
55
EP_SW
Exposed Thermal Pad: Internally connected to SW node.
56
EP_PGND
Exposed Thermal Pad: Internally connected to PGND.
57
EP_PVIN
Exposed Thermal Pad: Internally connected to PVIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com