Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33M656 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC33M656
Description  6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M656 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC33M656 Datasheet HTML 10Page - Microchip Technology MIC33M656 Datasheet HTML 11Page - Microchip Technology MIC33M656 Datasheet HTML 12Page - Microchip Technology MIC33M656 Datasheet HTML 13Page - Microchip Technology MIC33M656 Datasheet HTML 14Page - Microchip Technology MIC33M656 Datasheet HTML 15Page - Microchip Technology MIC33M656 Datasheet HTML 16Page - Microchip Technology MIC33M656 Datasheet HTML 17Page - Microchip Technology MIC33M656 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
MIC33M656
DS20006256A-page 14
 2019 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN = PVIN = AUX_PVIN = 5V; COUT = 2 x 47 µF; TON[1:0] = 11; ILIM[1:0] = 11;
VOUT = 1V; TA = +25°C.
FIGURE 2-18:
VIN Turn-On (EN = PVIN).
FIGURE 2-19:
VIN Turn-Off (EN = PVIN),
RLOAD =0.3.
FIGURE 2-20:
EN Turn-On, RLOAD =0.3.
FIGURE 2-21:
EN Turn-Off, RLOAD =0.3.
FIGURE 2-22:
EN Turn-On into Pre-Biased
Output (Vpre-bias =0.8V).
FIGURE 2-23:
Power-up into Short Circuit.
VIN
5V/div
VOUT
500 mV/div
PG
5V/div
2ms/div
SW
5V/div
EN
5V/div
VOUT
500 mV/div
PG
5V/div
IO
2A/div
2ms/div
EN
5V/div
VOUT
500 mV/div
PG
5V/div
IO
2A/div
80 µs/div
EN
2V/div
VOUT
500 mV/div
PG
5V/div
SW
5V/div
1ms/div
EN
5V/div
VOUT
500 mV/div
PG
5V/div
SW
5V/div
2ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com