Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33M656 Datasheet(PDF) 39 Page - Microchip Technology

Part # MIC33M656
Description  6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M656 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MIC33M656 Datasheet HTML 35Page - Microchip Technology MIC33M656 Datasheet HTML 36Page - Microchip Technology MIC33M656 Datasheet HTML 37Page - Microchip Technology MIC33M656 Datasheet HTML 38Page - Microchip Technology MIC33M656 Datasheet HTML 39Page - Microchip Technology MIC33M656 Datasheet HTML 40Page - Microchip Technology MIC33M656 Datasheet HTML 41Page - Microchip Technology MIC33M656 Datasheet HTML 42Page - Microchip Technology MIC33M656 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
 2019 Microchip Technology Inc.
DS20006256A-page 39
MIC33M656
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Center Pad Width
Contact Pad Spacing
Center Pad Length
Contact Pitch
Y2
X2
1.68
0.65
MILLIMETERS
0.50 BSC
MIN
E
MAX
9.68
Contact Pad Length (X53)
Contact Pad Width (X53)
Y1
X1
1.02
0.30
NOM
C1
Contact Pad Spacing
5.68
Contact Pad to Center Pad
G6
0.20
Thermal Via Diameter
V
Thermal Via Pitch (X12)
EV
0.33
1.20
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Contact Pad to Center Pad
G5
0.20
Contact Pad to Center Pad
G4
0.45
Contact Pad to Center Pad
G3
0.45
Contact Pad to Contact Pad (X48)
G2
0.20
Contact Pad to Center Pad (X2)
G1
0.45
G7
0.30
Contact Pad to Center Pad
Y4
X4
Y3
X3
Y6
Y5
Center Pad Width (X4)
Center Pad Length (X2)
Center Pad Width
Center Pad Length
Center Pad Length
Center Pad Length
6.62
0.70
4.58
1.33
0.55
0.70
Microchip Technology Drawing C04-3272 Rev B Sheet 2 of 2
53-Lead Very Thick Plastic Quad Flat, No Lead Package (QDA) - 6x10x3.05 mm Body
[B1QFN]
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
Thermal vias are centered within each exposed pad.
3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com