Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33M656 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC33M656
Description  6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M656 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC33M656 Datasheet HTML 9Page - Microchip Technology MIC33M656 Datasheet HTML 10Page - Microchip Technology MIC33M656 Datasheet HTML 11Page - Microchip Technology MIC33M656 Datasheet HTML 12Page - Microchip Technology MIC33M656 Datasheet HTML 13Page - Microchip Technology MIC33M656 Datasheet HTML 14Page - Microchip Technology MIC33M656 Datasheet HTML 15Page - Microchip Technology MIC33M656 Datasheet HTML 16Page - Microchip Technology MIC33M656 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
 2019 Microchip Technology Inc.
DS20006256A-page 13
MIC33M656
Note: Unless otherwise indicated, VIN = PVIN = AUX_PVIN = 5V; VOUT = 1V; COUT = 2 x 47 µF; TA =+25°C.
FIGURE 2-13:
Switching Frequency vs.
IOUT (VOUT = 1.0V).
FIGURE 2-14:
Switching Frequency vs.
IOUT (VOUT = 3.3V).
FIGURE 2-15:
Switching Frequency vs. VIN
(VOUT = 0.6V).
FIGURE 2-16:
Switching Frequency vs. VIN
(VOUT = 1.0V).
FIGURE 2-17:
Switching Frequency vs. VIN
(VOUT = 3.3V).
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
024
6
I
OUT (A)
V
OUT = 1V
V
IN = 5.0V
TON[1:0] =
00
TON[1:0] =
01
TON[1:0] =
10
TON[1:0] =
11
0.5
1.1
1.7
2.3
2.9
3.5
024
6
I
OUT (A)
V
OUT = 3.3V
V
IN = 5.0V
TON[1:0] =
00
TON[1:0] =
01
TON[1:0] =
10
TON[1:0] =
11
0.5
1.1
1.7
2.3
2.9
3.5
2.5
3.5
4.5
5.5
V
IN (V)
V
OUT = 0.6V
I
OUT = 2.0A
TON[1:0] =
00
TON[1:0] =
01
TON[1:0] =
10
TON[1:0] =
11
0.5
1.1
1.7
2.3
2.9
3.5
2.5
3.5
4.5
5.5
V
IN (V)
TON[1:0] =
00
TON[1:0] =
01
TON[1:0] =
10
TON[1:0] =
11
V
OUT = 1.0V
I
OUT =2.0A
0.5
1.1
1.7
2.3
2.9
3.5
4
4.5
5
5.5
V
IN (V)
V
OUT = 3.3V
I
OUT = 2.0A
TON[1:0] =
00
TON[1:0] =
01
TON[1:0] =
10
TON[1:0] =
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com