Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33M656 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC33M656
Description  6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M656 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC33M656 Datasheet HTML 4Page - Microchip Technology MIC33M656 Datasheet HTML 5Page - Microchip Technology MIC33M656 Datasheet HTML 6Page - Microchip Technology MIC33M656 Datasheet HTML 7Page - Microchip Technology MIC33M656 Datasheet HTML 8Page - Microchip Technology MIC33M656 Datasheet HTML 9Page - Microchip Technology MIC33M656 Datasheet HTML 10Page - Microchip Technology MIC33M656 Datasheet HTML 11Page - Microchip Technology MIC33M656 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
MIC33M656
DS20006256A-page 8
 2019 Microchip Technology Inc.
Short-Circuit Protection
High-Side MOSFET Forward
Current Limit
ILIM_HS
2.1
3.5
4.9
A
ILIM[1:0] = 00
4.0
5.0
6.5
ILIM[1:0] = 01
6.4
8.5
10.6
ILIM[1:0] = 10
8.0
10.0
12.0
ILIM[1:0] = 11, default
Low-Side MOSFET Forward
Current Limit
ILIM_LS
—
3.0
—
A
ILIM[1:0] = 00
—
4.2
—
ILIM[1:0] = 01
—
6.8
—
ILIM[1:0] = 10
—
8.0
—
ILIM[1:0] = 11, default
Low-Side MOSFET Negative
Current Limit
ILIM_NEG
-2
-3
-4
A
N-Channel Zero-Crossing
Threshold
IZC_TH
—0.9
—
A
Current Limit Pulses before
Hiccup
HICCUP
—
8
—
Cycles
Hiccup Period before Restart
—
—
1
—
ms
Internal MOSFETs
High-Side On-Resistance
RDS-ON-HS
—30
60
mΩ
ISW =1A
Low-Side On-Resistance
RDS-ON-LS
—16
40
mΩ
ISW =-1A
Output Discharge Resistance
RDS-ON-DSC
—10
50
Ω
VEN =0V, VSW = 5.5V,
from VOUT to PGND
SW Leakage Current
ILEAK_SW
—1
10
µA
PVIN = 5.5V, VSW = 5.5V, VEN =0V
Power Good (PG)
PG Threshold
PG_TH
87
91
95
%VOUT VOUT rising (good)
PG Hysteresis
PG_HYS
—
4
—
%VOUT VOUT falling
PG Blanking Time
PG_BLANK
—
65
—
µs
PG Output Leakage Current
PG_LEAK
—
30
—
nA
PG Sink Low Voltage
PG_SINKV
—
—
200
mV
VOUT = 0V, IPG = 10 mA
I2C Interface (SCL, SDA)
Low-Level Input Voltage
VIL
0—
0.4
VSVIN = 5.5V
High-Level Input Voltage
VIH
1.2
—
5.5
V
SVIN = 5.5V
High-Level Input Current
II2C_H
-1
0.01
1
µA
Low-Level Input Current
II2C_L
-1
0.01
1
µA
Logic 0 Output Voltage
VOL
——
0.4
V
ISDA = 3 mA, ISCL = 3 mA
SCL,SDA Pin Capacitance
I2C_CAP
—
0.7
—
pF
SDA Pull-Down Resistance
SDA_PD
—
80
—
Ω
ELECTRICAL CHARACTERISTICS(1,2) (CONTINUED)
Electrical Specifications: Unless otherwise specified, PVIN =5V; VOUT = 1.0V; COUT =2 x47µF; TA =+25°C.
Boldface values indicate -40°C
 TJ  +125°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1:
Specification for packaged product only.
2:
Characterized in open loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com