Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33M656 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC33M656
Description  6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M656 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC33M656 Datasheet HTML 3Page - Microchip Technology MIC33M656 Datasheet HTML 4Page - Microchip Technology MIC33M656 Datasheet HTML 5Page - Microchip Technology MIC33M656 Datasheet HTML 6Page - Microchip Technology MIC33M656 Datasheet HTML 7Page - Microchip Technology MIC33M656 Datasheet HTML 8Page - Microchip Technology MIC33M656 Datasheet HTML 9Page - Microchip Technology MIC33M656 Datasheet HTML 10Page - Microchip Technology MIC33M656 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
 2019 Microchip Technology Inc.
DS20006256A-page 7
MIC33M656
Internal DAC Slew Rate (Four Bits)
Slew Rate Time (time to 1V)
TRISE
100
200
300
µs/V
SLEW_RATE[3:0] = 0000
250
400
550
µs/V
SLEW_RATE[3:0] = 0001
400
600
800
µs/V
SLEW_RATE[3:0] = 0010
600
800
1000
µs/V
SLEW_RATE[3:0] = 0011, default
750
1000
1250
µs/V
SLEW_RATE[3:0] = 0100
950
1200
1450
µs/V
SLEW_RATE[3:0] = 0101
1100
1400
1700
µs/V
SLEW_RATE[3:0] = 0110
1300
1600
1900
µs/V
SLEW_RATE[3:0] = 0111
1450
1800
2150
µs/V
SLEW_RATE[3:0] = 1000
1650
2000
2350
µs/V
SLEW_RATE[3:0] = 1001
1800
2200
2600
µs/V
SLEW_RATE[3:0] = 1010
2000
2400
2800
µs/V
SLEW_RATE[3:0] = 1011
2180
2600
3020
µs/V
SLEW_RATE[3:0] = 1100
2350
2800
3250
µs/V
SLEW_RATE[3:0] = 1101
2520
3000
3480
µs/V
SLEW_RATE[3:0] = 1110
2690
3200
3710
µs/V
SLEW_RATE[3:0] = 1111
TON Control/Switching Frequency (Two Bits)
Switching On Time
TON
—260
—
ns
VOUT = 1V, TON[1:0] = 00
—180
—
VOUT =1V, TON[1:0] = 01
—130
—
VOUT =1V, TON[1:0] = 10
—105
—
VOUT =1V, TON[1:0] = 11
Switching Frequency
FREQ
—
1.6
—
MHz
VOUT =1V, TON[1:0] = 10,
IOUT =3A
—2.2
—
MHz
VOUT =3.3V, TON[1:0] = 10,
IOUT =3A
Maximum Duty Cycle
DCMAX
—
100
—
%
ELECTRICAL CHARACTERISTICS(1,2) (CONTINUED)
Electrical Specifications: Unless otherwise specified, PVIN =5V; VOUT = 1.0V; COUT =2 x47µF; TA =+25°C.
Boldface values indicate -40°C
 TJ  +125°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1:
Specification for packaged product only.
2:
Characterized in open loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com