Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33M656 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC33M656
Description  6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M656 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC33M656 Datasheet HTML 17Page - Microchip Technology MIC33M656 Datasheet HTML 18Page - Microchip Technology MIC33M656 Datasheet HTML 19Page - Microchip Technology MIC33M656 Datasheet HTML 20Page - Microchip Technology MIC33M656 Datasheet HTML 21Page - Microchip Technology MIC33M656 Datasheet HTML 22Page - Microchip Technology MIC33M656 Datasheet HTML 23Page - Microchip Technology MIC33M656 Datasheet HTML 24Page - Microchip Technology MIC33M656 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
 2019 Microchip Technology Inc.
DS20006256A-page 21
MIC33M656
4.12
Undervoltage Protection (UVLO)
Undervoltage protection ensures that the IC has
enough voltage to bias the internal circuitry properly
and provide sufficient gate drive for the power
MOSFETs. When the input voltage starts to rise, both
power MOSFETs are off and the Power Good output is
pulled low. The IC starts at approximately 2.225V typi-
cal and has a nominal 153 mV of hysteresis to prevent
chattering between the UVLO high and low states.
4.13
Overtemperature Fault
The MIC33M656 monitors the die junction temperature
to keep the IC operating properly. If the IC junction
temperature exceeds +118°C, the warning flag,
“OT_WARN”, is set, but does not affect the operation
mode. It automatically resets if the junction temperature
drops below the temperature threshold. If the IC junction
temperature exceeds +165°C, both power MOSFETs
are immediately turned off. The IC is allowed to start
when the die temperature falls below +143°C.
During the Fault condition, several changes will occur in
the STATUS Register. The OT bit will go high, indicating
the junction temperature reached +165°C, while the
OT_WARN automatically resets. If the controller is
enabled to restart after the first thermal shutdown event
(OT_LATCH bit in CTRL2 register is set), the SSD bit will
go low and the HICCUP bit will go high. Finally, the PG bit
in the FAULT register (address 0x03) will go low and the
PG pin will be pulled low until the output voltage has
restarted and is once again in regulation. The I2C inter-
face remains active and all the values stored in registers
are maintained. When the die temperature decreases
below the lower thermal shutdown threshold, and the
MIC33M656 resumes switching with the output voltage
going back in regulation, the global Power Good output is
pulled high, but the Overtemperature Fault bit, OT, is still
set to ‘1’. To clear the Fault, either recycle input power or
write a logic ‘0’ to the Overtemperature bit, OT, in the
FAULT register.
During recovery from a thermal shutdown event, if the
regulator hits another thermal shutdown event before
Power Good can be achieved, the controller will again
reset. If this happens four times in a row, the part will be in
a Latch-Off state and the MOSFETs are permanently
latched off. The LATCH_OFF bit in the STATUS Register
will be set to ‘1’, which will latch off the MIC33M656. The
device can be restarted by toggling the enable input, by
recycling the input power or by software Enable Control
(EN_CON). This latch-off feature eliminates the thermal
stress on the MIC33M656 during a Fault event. The
OT_LATCH bit in the CTRL2 register can be set to ‘0’,
which will cause this latch-off to happen after the first over-
temperature event, instead of waiting for four consecutive
overtemperatures. This is a more conservative approach
to protect the part and is available to the user.
4.14
Safe Start-up into a Pre-Biased
Output
The MIC33M656 is designed for safe start-up into a
pre-biased output in forced PWM. This feature prevents
high negative inductor current flow in a pre-bias condition,
which can damage the IC. This is achieved by not allow-
ing forced PWM until the control loop commands eight
switching cycles. After eight cycles, the low-side negative
current limit is switched from 0A to -3A. The cycle counter
is reset to zero if the Enable pin is pulled low, or an input
undervoltage condition or any other Fault is detected.
4.15
Current Limiting
The MIC33M656 regulator uses both high-side and
low-side current sense for current limiting. When the
high-side current sense threshold is reached, the
high-side MOSFET is turned off and the low-side
MOSFET is turned on. The low-side MOSFET stays on
until the current falls to 80% of the high-side current
threshold value, then the high-side current can be turned
on again. If the overload condition lasts for more than
seven cycles, the MIC33M656 enters hiccup current lim-
iting and both MOSFETs are turned off. There is a 1 ms
cool-off period before the MOSFETs are allowed to be
turned on. If the regulator has another hiccup event
before it reaches the Power Good threshold on restart, it
will again turn off both MOSFETs and wait for 1 ms. If
this happens more than three times in a row, then the
part will enter the Latch-Off state, which will permanently
turn off both MOSFETs until the part is reset by toggling
the EN pin, recycling power or via an I2C command.
During a hiccup event, the HICCUP bit in the STATUS
Register will go high and the SSD bit will go low until the
output has recovered. The Power Good FAULT register
bit, PG, will also go low and the PG pin will be pulled low.
In latch-off, the LATCH_OFF status bit is set to ‘1’.
The high-side current limit can be programmed by
setting the ILIM[1:0] bits in the CTRL1 register. For max-
imum efficiency and current limit precision, the highest
current limit must be programmed together with a higher
TON setting (corresponding to a lower frequency).
4.16
Thermal Considerations
Although the MIC33M656 is capable of delivering up to
6A under load, the package thermal resistance and the
device internal power dissipation may dictate some
limitations to the continuous output current.
As a reference, for VIN = 5V, VOUT = 1V, IOUT = 5A, the
DT100108 Evaluation Board application shows a
stable +40°C chip self-heating.
For VIN = 5V, VOUT = 3.3V, the same self-heating is
produced at about 4A.
If operated above the rated junction temperature,
electrical parameters may drift beyond characterized
specifications. The MIC33M656 is protected under all
circumstances by thermal shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com