Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33M656 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC33M656
Description  6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M656 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC33M656 Datasheet HTML 2Page - Microchip Technology MIC33M656 Datasheet HTML 3Page - Microchip Technology MIC33M656 Datasheet HTML 4Page - Microchip Technology MIC33M656 Datasheet HTML 5Page - Microchip Technology MIC33M656 Datasheet HTML 6Page - Microchip Technology MIC33M656 Datasheet HTML 7Page - Microchip Technology MIC33M656 Datasheet HTML 8Page - Microchip Technology MIC33M656 Datasheet HTML 9Page - Microchip Technology MIC33M656 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
MIC33M656
DS20006256A-page 6
 2019 Microchip Technology Inc.
ELECTRICAL CHARACTERISTICS(1,2)
Electrical Specifications: Unless otherwise specified, PVIN =5V; VOUT = 1.0V; COUT =2 x47µF; TA =+25°C.
Boldface values indicate -40°C
 TJ  +125°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
VIN Supply
Input Range
PVIN
2.4
—
5.5
V
Undervoltage Lockout
Threshold
UVLO
2.15
2.225
2.35
VSVIN rising
Undervoltage Lockout
Hysteresis
UVLO_H
—
153
—
V
SVIN falling
Operating Supply Current
IIN0
—60
100
µA
VFB = 1.2V, non-switching
Shutdown Current
ISHDN
—1.5
10
µA
VEN = 0V, PVIN = SVIN = 5.5V,
VSW = VSDA= VSCL = 0V,
-40°C
TJ  +105°C
20
µA
VEN = 0V, PVIN = SVIN = 5.5V,
VSW = VSDA= VSCL = 0V,
-40°C
TJ  +125°C
Output Voltage
Output Accuracy
VOUT_ACC
-1.5
—
1.5
%VOUT from 0.6V to 1.28V (includes
line and load regulation)
Output Voltage Step
(options HAYMP, FAYMP)
VOUT_STEP
—5
—
mV
VOUT from 0.6V to 1.28V
Output Voltage Step
(option SAYMP)
VOUT_STEP
—10
—
mV
VOUT from 0.6V to 1.28V
—20
—
VOUT from 1.28V to 3.84V
Line Regulation
—
0.06
—
%
VOUT = 1.0V, VIN = 2.5 to 5.5V,
IOUT = 300 mA
Load Regulation
—
0.2
—
%
VOUT = 1.0V, IOUT = 0A to 6A
Enable Control
EN Logic Level High
VEN_H
1.2
——
V
VEN Rising, regulator enabled
EN Logic Level Low
VEN_L
——
0.4
VVEN falling, regulator shutdown
EN Low Input Current
IEN_L
—
0.01
500
nA
VEN = 0V
EN High Input Current
IEN_H
—
0.01
500
nA
VEN = 5.5V
Enable Delay (Two Bits)
Enable Lockout Delay
0.15
0.25
0.4
ms
EN_DELAY[1:0] = 00, default
0.85
1
1.20
ms
EN_DELAY[1:0] = 01
1.70
2
2.35
ms
EN_DELAY[1:0] = 10
2.55
3
3.5
ms
EN_DELAY[1:0] = 11
Note 1:
Specification for packaged product only.
2:
Characterized in open loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com