Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4S Datasheet(PDF) 25 Page - NXP Semiconductors

Part # FXPS7115D4S
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4S Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button FXPS7115D4S Datasheet HTML 21Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 22Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 23Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 24Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 25Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 26Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 27Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 28Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 74 page
background image
NXP Semiconductors
FXPS7115D4S
Digital absolute pressure sensor, 40 kPa to 115 kPa
3. Following the transmitted message, the transmitter feeds 8 zeros into the shift
register, to match the length of the CRC.
4. When the last zero is fed into the input adder, the shift register contains the CRC.
5. The CRC is transmitted.
The CRC polynomial and seed are shown in Table 30.
SPICRCSEED[3:0]
Default Polynomial
Default non-direct Seed
0000
x8+ x5+ x3+ x2+ x + 1
1111 1111
nonzero
x8+ x5+ x3+ x2+ x + 1
1111 SPICRCSEED[3:0]
Table 30. SPI Response Message CRC
7.5.5 Exception handling
After POR, there a supply error flag is set. Expected initial responses with first 4
commands are shown in Table 31.
Command
Response
Command 1 (DEVSTAT READ)
Ignore response 1
Command 2 (DEVSTAT READ)
Ignore response 2
Command 3 (DEVSTAT READ)
Ignore response 3
Command 4 (ANY USER COMMAND)
Response 4 - 0X6080XXXX[1]
Table 31. Expected initial responses after tPOR_DataValid post POR
[1]
Response 4 is 0x6080XXXX after tPOR_DataValid wait time from POR. Otherwise only after tPOR_I2C/POR_SPI wait time from POR, response would be 0x6081
XXXX due to DEVINIT bit still set to 1.
Before soft reset, write SOURCEID_0 in address 1Ah with a non-zero value. Address
1Ah is read back to check soft reset sanity.
During soft reset, flash contents are reloaded into the mirror registers and during this
process the supply error flag can get set based on device variation, temperature, and
so forth. After 1 ms delay, the expected initial response from the first 5 commands are
shown in Table 32.
Command
Response
Command 1 (DEVSTAT READ)
Ignore response 1
Command 2 (DEVSTAT READ)
Ignore response 2
Command 3 (DEVSTAT READ)
Ignore response 3
Command 4 (SOURCEID_0 READ)
Response 4 - 0X6080XXXX[1]
Command 5 (ANY USER COMMAND)
Response 5 - valid response with reset value of
SOURCEID_0
Table 32. Expected initial responses after tPOR_DataValid post soft reset
[1]
Response 4 is 0x6080XXXX after tPOR_DataValid wait time from soft reset. Otherwise only after tPOR_I2C/POR_SPI wait time from soft reset, response 4 would
be 0x6081XXXX due to DEVINIT bit still set to 1.
7.5.5.1 Basic status field
All responses include a status field (ST[1:0]) that includes the general status of the
device and transmitted data as described below. The contents of the status field is
FXPS7115D4S
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Objective data sheet
Rev. 1 — 9 August 2022
25 / 74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com