Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4S Datasheet(PDF) 28 Page - NXP Semiconductors

Part # FXPS7115D4S
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4S Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button FXPS7115D4S Datasheet HTML 24Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 25Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 26Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 27Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 28Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 29Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 30Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 31Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 74 page
background image
NXP Semiconductors
FXPS7115D4S
Digital absolute pressure sensor, 40 kPa to 115 kPa
Bit
Address Register
Type[1]
7
6
5
4
3
2
1
0
General device information
00h
COUNT
R
COUNT[7:0]
01h
DEVSTAT
R
DSP_ERR
reserved
COMM_ERR MEMTEMP_
ERR
SUPPLY_
ERR
TESTMODE
DEVRES
DEVINIT
02h
DEVSTAT1
R
VCCUV_
ERR
reserved
reserved
reserved
INTREGA_
ERR
INTREG_
ERR
INTREGF_
ERR
CONT_ERR
03h
DEVSTAT2
R
F_OTP_ERR
U_OTP_
ERR
U_RW_ERR
U_W_
ACTIVE
reserved
TEMP0_
ERR
reserved
reserved
04h
DEVSTAT3
R
MISO_ERR
reserved
reserved
reserved
reserved
reserved
reserved
reserved
05h to
0Dh
reserved
R
reserved
0Eh
TEMPERATURE R
TEMP[7:0]
0Fh
reserved
R
reserved
Communication information
10h
DEVLOCK_WR
R/W
ENDINIT
reserved
reserved
reserved
SUP_
ERR_DIS
reserved
RESET[1:0]
11h
WRITE_OTP_EN R/W
UOTP_
WR_INIT
reserved
EX_
COMMTYPE
EX_PADDR
UOTP_REGION[1:0]
12h to
13h
reserved
R/W
reserved
14h
UF_REGION_W
R/W
REGION_LOAD[3:0]
0
0
0
0
15h
UF_REGION_R
R
REGION_ACTIVE[3:0]
0
0
0
0
16h to
19h
reserved
UF2
reserved
1Ah
SOURCEID_0
UF2
SID0_EN
reserved
SOURCEID_0[3:0]
1Bh
SOURCEID_1
UF2
SID1_EN
reserved
SOURCEID_1[3:0]
1Ch to
3Ch
reserved
UF2
reserved
3Dh
SPI_CFG
UF2
reserved
DATASIZE
SPI_CRC_LEN[1:0]
SPICRCSEED[3:0]
3Eh
WHO_AM_I
UF2
WHO_AM_I[7:0]
3Fh
I2C_ADDRESS
UF2
I2C_ADDRESS[7:0]
Sensor specific information
40h
DSP_CFG_U1
UF2
LPF[3:0]
reserved
reserved
reserved
reserved
41h
reserved
UF2
reserved
42h
DSP_CFG_U3
UF2
reserved
DATATYPE0[1:0]
reserved
DATATYPE1[1:0]
reserved
reserved
43h
DSP_CFG_U4
UF2
reserved
reserved
reserved
reserved
reserved
INT_OUT
reserved
reserved
44h
DSP_CFG_U5
UF2
ST_CTRL[3:0]
reserved
reserved
reserved
reserved
45h
INT_CFG
UF2
reserved
INT_PS[1:0]
INT_
POLARITY
reserved
46h
P_INT_HI_L
UF2
P_INT_HI_L[7:0]
47h
P_INT_HI_H
UF2
P_INT_HI_H[15:8]
48h
P_INT_LO_L
UF2
P_INT_LO_L[7:0]
49h
P_INT_LO_H
UF2
P_INT_LO_H[15:8]
4Ah to
4Bh
reserved
UF2
reserved
4Ch
P_CAL_ZERO_L UF2
P_CAL_ZERO_L[7:0]
4Dh
P_CAL_ZERO_H UF2
P_CAL_ZERO_H[15:8]
4Eh to
5Eh
reserved
UF2
reserved
Table 35. User-accessible data — sensor specific information
FXPS7115D4S
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Objective data sheet
Rev. 1 — 9 August 2022
28 / 74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com