Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4S Datasheet(PDF) 49 Page - NXP Semiconductors

Part # FXPS7115D4S
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4S Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button FXPS7115D4S Datasheet HTML 45Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 46Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 47Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 48Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 49Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 50Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 51Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 52Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
NXP Semiconductors
FXPS7115D4S
Digital absolute pressure sensor, 40 kPa to 115 kPa
register is read. To avoid data mismatch, the user is always required to read the registers
in sequence, P_xxx_L register first, followed by the P_xxx_H register.
Location
Bit
Address
Symbol
7
6
5
4
3
2
1
0
6Ch
P_MAX_L
P_MAX[7:0]
6Dh
P_MAX_H
P_MAX[15:8]
6Eh
P_MIN_L
P_MIN[7:0]
6Fh
P_MIN_H
P_MIN[15:8]
Factory default
0
0
0
0
0
0
0
0
Access
R
R
R
R
R
R
R
R
Table 84. P_Max and P_Min registers (address 6Ch to 6Fh) bit allocation
7.7.21 FRT - free running timer registers (addresses 78h to 7Dh)
The free running timer registers are read-only registers that contain a 48-bit free running
timer. The free running timer is clocked by the main oscillator frequency and increments
every 100 ns.
Location
Bit
Address
Symbol
7
6
5
4
3
2
1
0
78h
FRT0
FRT[7:0]
79h
FRT1
FRT[15:8]
7Ah
FRT2
FRT[23:16]
7Bh
FRT3
FRT[31:24]
7Ch
FRT4
FRT[39:32]
7Dh
FRT5
FRT[47:40]
Access
R
R
R
R
R
R
R
R
Table 85. FRT - free running timer registers (addresses 78h to 7Dh) bit allocation
7.7.22 IC type register (Address C0h)
The IC type register is a factory programmable OTP register that contains the IC type
as defined below. This register is included in the factory programmed OTP array error
detection. This register is readable in SPI mode or I2C mode when ENDINIT is not set.
Bit
7
6
5
4
3
2
1
0
Symbol
ICTYPEID[7:0]
Reset
0
0
0
0
0
0
1
0
Access
R
R
R
R
R
R
R
R
Table 86. IC TYPE REGISTER (ICTYPEID address C0h) bit allocation
7.7.23 IC manufacturer revision register (Address C1h)
The IC manufacturer revision register is a factory programmable OTP register that
contains the IC revision. The upper nibble contains the main IC revision. The lower nibble
contains the sub IC revision. This register is included in the factory programmed OTP
array error detection. This register is readable in SPI mode or I2C mode when ENDINIT is
not set.
FXPS7115D4S
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Objective data sheet
Rev. 1 — 9 August 2022
49 / 74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com