Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4S Datasheet(PDF) 44 Page - NXP Semiconductors

Part # FXPS7115D4S
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4S Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button FXPS7115D4S Datasheet HTML 40Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 41Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 42Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 43Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 44Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 45Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 46Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 47Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 74 page
background image
NXP Semiconductors
FXPS7115D4S
Digital absolute pressure sensor, 40 kPa to 115 kPa
ST_CTRL[3] ST_CTRL[2] ST_CTRL[1] ST_CTRL[0] Function
SNS_DATAx_X contents
16-bit data
0
0
0
0
Normal pressure signal
reserved
0
0
0
1
P-cell common mode verification
reserved
0
0
1
0
reserved
reserved
0
0
1
1
reserved
reserved
0
1
0
0
DSP write to SNS_DATAx_X registers inhibited. 0000h
0
1
0
1
DSP write to SNS_DATAx_X registers inhibited. AAAAh
0
1
1
0
DSP write to SNS_DATAx_X registers inhibited. 5555h
0
1
1
1
DSP write to SNS_DATAx_X registers inhibited. FFFFh
1
0
0
0
reserved
reserved
1
0
0
1
reserved
reserved
1
0
1
0
reserved
reserved
1
0
1
1
reserved
reserved
1
1
0
0
Digital self-test 0
8171h
1
1
0
1
Digital self-test 1
6C95h
1
1
1
0
Digital self-test 2
807Ah
1
1
1
1
Digital self-test 3
78ACh
Table 73. Self-test control bits (ST_CTRL[3:0])
7.7.12 INT_CFG - interrupt configuration register (address 45h)
The interrupt configuration register contains configuration information for the interrupt
output. This register can be written during initialization but is locked once the ENDINIT bit
is set (see Section 7.7.4 "DEVLOCK_WR - lock register writes register (address 10h)").
The register is included in the read/write array error detection.
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
INT_PS[1:0]
INT_POLARITY
reserved
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 74. INT_CFG - interrupt configuration register (address 45h) bit allocation
FXPS7115D4S
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Objective data sheet
Rev. 1 — 9 August 2022
44 / 74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com