Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4S Datasheet(PDF) 48 Page - NXP Semiconductors

Part # FXPS7115D4S
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4S Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button FXPS7115D4S Datasheet HTML 44Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 45Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 46Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 47Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 48Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 49Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 50Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 51Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 74 page
background image
NXP Semiconductors
FXPS7115D4S
Digital absolute pressure sensor, 40 kPa to 115 kPa
Location
Bit
Address
Symbol
7
6
5
4
3
2
1
0
64h
SNSDATA1_L
SNSDATA1_L[7:0]
65h
SNSDATA1_H
SNSDATA1_H[15:8]
Factory default
0
0
0
0
0
0
0
0
Access
R
R
R
R
R
R
R
R
Table 82. SNSDATA1_L, SNSDATA1_H - sensor data #1 registers (address 64h, 65h) bit allocation
7.7.19 SNSDATA0_TIMEx - timestamp registers (address 66h to 6Bh)
The sensor data 0 timestamp registers are read-only registers that contain a 48-bit
timestamp.
The value of the 48-bit free running timer register is copied to the sensor data 0
timestamp registers each time sensor data 0 data is latched for transmission. The
timestamp is updated at the start of the sensor data 0 register value transmission for a
register read of the SNSDATA0_L register.
The timestamp register is organized to allow for optimized reading of the timestamp in
I2C automatic sensor data register read wrap-around mode as documented in Table 9.
The sensor data 0 timestamp registers are read-only registers that contain a 48-bit
timestamp.
The value of the 48-bit free running timer register is copied to the sensor data 0
timestamp registers each time sensor data 0 data is latched for transmission via SPI.
Location
Bit
Address
Symbol
7
6
5
4
3
2
1
0
66h
SNSDATA0_TIME0
SNSDATA0_TIME[7:0]
67h
SNSDATA0_TIME1
SNSDATA0_TIME[15:8]
68h
SNSDATA0_TIME2
SNSDATA0_TIME[23:16]
69h
SNSDATA0_TIME3
SNSDATA0_TIME[31:24]
6Ah
SNSDATA0_TIME4
SNSDATA0_TIME[39:32]
6Bh
SNSDATA0_TIME5
SNSDATA0_TIME[47:40]
Factory default
0
0
0
0
0
0
0
0
Access
R
R
R
R
R
R
R
R
Table 83. SNSDATA0_TIMEx - timestamp register (address 66h to 6Bh) bit allocation
7.7.20 P_MAX, P_MIN - maximum and minimum absolute pressure value registers
(address 6Ch to 6Fh)
The minimum and maximum absolute pressure value registers are read-only registers
that contain a sample-by-sample continuously updated minimum and maximum 16-
bit absolute pressure value. The value is reset to 0000h on a write to a DSP_CFG_U1
register that changes the value of the LPF[2:0] or ST_CTRL[3:0].
The values of P_Max and P_Min obtained during a SPI or I2C register read might not
always be the same value as the instantaneous pressure value obtained from the
SNSDATA_x registers.
These registers are readable in SPI mode or I2C mode. In I2C mode, the P_xxx_H
register value is latched on a read of the P_xxx_L register value until the P_xxx_H
FXPS7115D4S
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Objective data sheet
Rev. 1 — 9 August 2022
48 / 74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com