Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4S Datasheet(PDF) 12 Page - NXP Semiconductors

Part # FXPS7115D4S
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4S Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button FXPS7115D4S Datasheet HTML 8Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 9Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 10Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 11Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 12Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 13Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 14Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 15Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
NXP Semiconductors
FXPS7115D4S
Digital absolute pressure sensor, 40 kPa to 115 kPa
aaa-023461
TEMPERATURE
∑
CONVERTER
SINC
FILTER
OFFSET
AND
GAIN TRIM
to temperature output
temperature sensor
MOVING
AVERAGE
Figure 12. Temperature sensor signal chain block diagram
7.3.4.2 Temperature sensor output scaling equation
Equation 5 is used to convert temperature readings with the variables specified in
Table 8.
(5)
Where:
TDEGC = The temperature output in degrees C
TLSB = The temperature output in LSB
T0LSB = The expected temperature output in LSB at 0 °C
TSENSE = The expected temperature sensitivity in LSB/°C
Data reading
T0LSB (LSB)
TSENSE LSB/C)
8-bit register read
68
1
Table 8. Temperature conversion variables
7.3.5 Common mode error detection signal chain
The device includes a continuous pressure transducer common mode error detection.
A simplified block diagram is shown in Figure 13. The common mode error signal is
compared against the normal absolute pressure signal. If the comparison falls outside
pre-determined limits, the CM_ERROR bit in the DSP_STAT register is set. Once the
error condition is removed, the CM_ERROR bit is cleared as specified in Section 7.7.15
"DSP_STAT - DSP specific status register (address 60h)".
aaa-023462
SINC
FILTER
COMPENSATION
common mode
error signal
common mode
signal from ADC
LOW PASS
FILTER
Figure 13. Common mode error detection signal chain block diagram
7.4 Inter-integrated circuit (I2C) interface
The device includes an interface compliant to the NXP I2C-bus specification[4]. The
device operates in client mode and includes support for standard mode, fast mode, and
fast mode plus, although the maximum practical operating frequency for I2C in a given
system implementation depends on several factors including the pull-up resistor values
and the total bus capacitance.
FXPS7115D4S
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Objective data sheet
Rev. 1 — 9 August 2022
12 / 74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com