Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4S Datasheet(PDF) 55 Page - NXP Semiconductors

Part # FXPS7115D4S
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4S Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button FXPS7115D4S Datasheet HTML 51Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 52Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 53Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 54Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 55Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 56Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 57Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 58Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 74 page
background image
NXP Semiconductors
FXPS7115D4S
Digital absolute pressure sensor, 40 kPa to 115 kPa
9 Operating range
VCC_min ≤ (VCC - VSS) ≤ VCC_max, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Max
Units
VCC
Supply voltage
Measured at VCC
[1] 3.10
5.25
V
TA
VCC = 5.0 V, unless otherwise stated.
Production tested operating temperature
range
[1]
TL
–40
TH
+130
°C
TA
Operating temperature range
Guaranteed operating temperature range
[1] –40
+130
°C
VCC_RAMP_SPI
Supply power on ramp rate
[2] 0.00001
10
V/μs
VPP
Programming voltage (IPP ≤
5 mA, 15 °C ≤ TA ≤ 40 °C)
Applied to VCC
9.0
11.0
V
Table 103. Electrical characteristics — supply and I/O
[1]
Parameter tested at final test.
[2]
Parameter verified by parametric and functional validation.
10 Static characteristics
VCC_min ≤ (VCC - VSS) ≤ VCC_max, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Supply and I/O
IIH
Input current high
At VIH; SCLK/SCL
[1] 10
20
70
μA
IIL
Input current low
At VIL; SS_B
[1] –70
–20
–10
μA
IMISO_Lkg
MISO output leakage
[1] –5
—
5
μA
Iq
Supply current
VCC = 5.0 V
[1] —
—
8.0
mA
VCC_UV_F
Low-voltage detection threshold
VCC falling
[1] 2.64
2.74
2.84
V
VI_HYST
Input voltage hysteresis
SCLK/SCL, SS_B, MOSI
[2] 0.125
—
0.500
V
VIH
Input high voltage (at VCC = 3.3 V
SCLK/SCL, SS_B, MOSI
[1] 2.0
—
—
V
VIL
Input low voltage
SCLK/SCL, SS_B, MOSI
[1] —
—
1.0
V
VINT_OH
Output high voltage
I Load = –100 μA
[3] VCC – 0.35 —
VCC
V
VINT_OL
Output low voltage
I Load = 100 μA
[3] —
—
0.1
V
VOH
Output high voltage
MISO/SDA,
I Load = –1 mA
[1] VCC – 0.2
—
—
V
Temperature sensor signal chain
TRANGE
Temperature measurement range
[3] –50
—
+160
°C
T25
Temperature output
At 25 °C
[3] 83
93
103
LSB
TRANGE
Range of output
(8-bit)
Unsigned temperature
[3] 0
—
255
LSB
TSENSE
Temperature output sensitivity (8-bit)
[4] —
1.00
—
LSB/°C
TACC
Temperature output accuracy (8-bit)
[4] –10
—
+10
°C
TRMS
Temperature output noise RMS (8-bit)
Standard deviation of 50
readings,
fSamp = 8 kHz
[4] —
—
+2
LSB
Absolute pressure sensor signal chain
PABS
Absolute pressure range
[2] 40
—
115
kPa
Table 104. Static characteristics
FXPS7115D4S
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Objective data sheet
Rev. 1 — 9 August 2022
55 / 74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com