Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4S Datasheet(PDF) 27 Page - NXP Semiconductors

Part # FXPS7115D4S
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4S Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button FXPS7115D4S Datasheet HTML 23Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 24Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 25Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 26Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 27Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 28Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 29Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 30Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 74 page
background image
NXP Semiconductors
FXPS7115D4S
Digital absolute pressure sensor, 40 kPa to 115 kPa
as described in Section 7.5.5.2 "Detailed status field" with the detailed status field set to
“SPI Error” as defined in Section 7.5.5.1 "Basic status field" during the subsequent SPI
message.
If a valid register write request message is received during the SPI transfer with the
MISO mismatch failure, the register write is completed as requested, but the device
responds with the error response as described in Section 7.5.5.2 "Detailed status field"
with the detailed status field set to “SPI Error” as defined in Section 7.5.5.1 "Basic status
field" during the subsequent SPI message.
If a valid register read request message is received during the SPI transfer with the
MISO mismatch failure, the register read is ignored and the device responds with the
error response as described in Section 7.5.5.2 "Detailed status field" with the detailed
status field set to “SPI Error” as defined in Section 7.5.5.1 "Basic status field", during the
subsequent SPI message.
aaa-023748
D Q
R
MISO ERR
SCLK
MISO
DATA OUT BUFFER
SPI DATA OUT SHIFT REGISTER
D Q
R
D
Q
Figure 21. SPI data output verification
7.5.6 SPI timing diagram
aaa-023749
DSP Out
SS_B
SCLK
MISO
MOSI
tDISABLE
tCLKSS
tLAT
tSSN
tSSCLK
tSCLKH
tSCLKF
tSCLKR
tSCLK
tLEAD
tLAG
tHOLD_IN
tHOLD_OUT
tVALID
tSCLKL
tACCESS
tSETUP
Figure 22. SPI timing diagram
7.6 User-accessible data array
A user-accessible data array allows each device to be customized. The array consists
of a one time programmable (OTP) factory-programmable block, an OTP user-
programmable block, and read-only registers for data and device status. The OTP blocks
incorporate independent data verification. In order to perform the OTP, a custom platform
is typically used prior to PCB assembly since the VPP voltage required is much higher
than the nominal supply as shown in Table 103. See application note AN12727[3].
FXPS7115D4S
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Objective data sheet
Rev. 1 — 9 August 2022
27 / 74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com