Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4S Datasheet(PDF) 32 Page - NXP Semiconductors

Part # FXPS7115D4S
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4S Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button FXPS7115D4S Datasheet HTML 28Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 29Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 30Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 31Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 32Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 33Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 34Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 35Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
NXP Semiconductors
FXPS7115D4S
Digital absolute pressure sensor, 40 kPa to 115 kPa
Bit
Symbol
Description
5
COMM_ERR
The communication error flag is set if any bit in DEVSTAT3 is set:
COMM_ERR = MISO_ERR
4
MEMTEMP_ERR
The memory error flag is set if any bit in DEVSTAT2 is set:
MEMTEMP_ERR = F_OTP_ERR | U_OTP_ERR | U_RW_ERR | U_W_ACTIVE |
TEMP0_ERR
3[1]
SUPPLY_ERR
The supply error flag is set if any bit in DEVSTAT1 is set:
SUPPLY_ERR = VCCUV_ERR | INTREG_ERR | INTREGA_ERR | INTREGF_ERR |
CONT_ERR
2
TESTMODE
The test mode bit is set if the device is in test mode. The TESTMODE bit can be cleared by
a test mode operation or by a power cycle.
0 — Test mode is not active
1 — Test mode is active
1
DEVRES
The device reset bit is set following a device reset. This error is cleared by a read of the
DEVSTAT register through any communication interface or on a data transmission that
includes the error in the status field.[2]
0 — Normal operation
1 — Device reset occurred
0
DEVINIT
The device initialization bit is set following a device reset. The bit is cleared once sensor data
is valid for read through one of the device communication interfaces (tPOR_DataValid).
0 — Normal operation
1 — Device initialization in process
Table 38. DEVSTAT - device status register (address 01h) bit description...continued
[1]
See Section 7.7.4 bit 3, supply error reporting disable bit (SUP_ERR_DIS).
[2]
After POR and/or soft reset, see Section 7.5.5 for initialization sequence.
7.7.2.2 DEVSTAT1 - device status register (address 02h)
Bit[1][2]
7
6
5
4
3
2
1
0
Symbol
VCCUV_
ERR
reserved
reserved
reserved
INTREGA_
ERR
INTREG_
ERR
INTREGF_
ERR
CONT_ERR
Reset
x
x
x
x
x
x
x
0
Access
R
R
R
R
R
R
R
R
Table 39. DEVSTAT1 - device status register (address 02h) bit allocation
[1]
During POR and soft reset ignore DEVSTAT1 error flags, refer to Section 7.5.5.
[2]
A common timer is used for all error bits in the DEVSTAT1 register. If any supply error is present, the timer is reset to tUVOV_RCV. This bit is cleared based
on the state of the SUP_ERR_DIS bit in the DEVLOCK_WR register as shown in Section 7.7.4.
Bit[1][2] Symbol
Description
7
VCCUV_ERR
The VCC undervoltage error bit is set if the VCC voltage falls below the voltage specified in
Table 104. See Section 7.1 for details on the VCC undervoltage monitor.
0 — No error detected
1 — VCC voltage low
Table 40. DEVSTAT1 - device status register (address 02h) bit description
FXPS7115D4S
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Objective data sheet
Rev. 1 — 9 August 2022
32 / 74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com