Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4S Datasheet(PDF) 37 Page - NXP Semiconductors

Part # FXPS7115D4S
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4S Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button FXPS7115D4S Datasheet HTML 33Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 34Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 35Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 36Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 37Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 38Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 39Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 40Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 74 page
background image
NXP Semiconductors
FXPS7115D4S
Digital absolute pressure sensor, 40 kPa to 115 kPa
The procedure for writing to the user OTP array UF0 and UF1 regions is listed below:
1. Read the appropriate CRC_UFx register and confirm the LOCK_Uxx bit is not set.
2. Write the desired values to the user array registers for only the region to be written
using the procedures in Section 7.7.6 "UF_REGION_W, UF_REGION_R - UF region
selection registers (address 14h, 15h)" .
The user must take care to ensure that the proper data is written to each region. If
a register write is executed to a new region, the base address changes to the new
region. The previous data written to the register block remains in the shared registers
and is written to OTP if the Write OTP sequence is completed.
3. Execute a write to the WRITE_OTP_EN register with the appropriate bits set for the
desired region to program.
Once the WRITE_OTP_EN register write is completed, a CRC is calculated for the
data to be written to the region, the register values are written to OTP and the region
is locked from future writes. The UOTP_WR_INIT bit remains set.
4. Delay 10 ms to allow the device to complete the writes to OTP.
5. Verify that the OTP write has successfully completed by reading back all of the OTP
registers using register read commands as defined in Section 7.7.6 "UF_REGION_W,
UF_REGION_R - UF region selection registers (address 14h, 15h)".
6. Repeat steps 1 through 4 for all regions to be programmed.
The procedure for writing to the user OTP array UF2 region is listed below:
1. Read the CRC_UF2 register and confirm the LOCK_UF2 bit is not set.
2. Write the desired values to the user array registers.
3. Execute a write to the WRITE_OTP_EN register with region 2 selected and the
EX_COMMTYPE and EX_PADDR bits set as shown in Table 50.
Once the WRITE_OTP_EN register write is completed, a CRC is calculated for the
data to be written to the region, the register values are written to OTP and the region
is locked from future writes. The UOTP_WR_INIT bit remains set.
4. Delay 10 ms to allow the device to complete the writes to OTP.
5. Verify that the OTP write successfully completed by reading back all of the OTP
registers using register read commands.
7.7.6 UF_REGION_W, UF_REGION_R - UF region selection registers (address
14h, 15h)
The UF region load register is a user read/write register that contains the control bits for
the UF0 and UF1 regions to be accessed. This register is included in the user read/write
array error detection. The UF region active register is a read-only register that contains
the status bits for the UF0 and UF1 regions to be accessed. This register is included in
the user read/write array error detection.
The UF_REGION_W register is readable and writable in SPI mode or I2C mode. The
UF_REGION_R register is readable in SPI mode or I2C mode.
Bit
7
6
5
4
3
2
1
0
Symbol
REGION_LOAD[3:0]
0
0
0
0
Factory default
1
1
1
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 51. UF_REGION_W - UF region selection register (address 14h) bit allocation
FXPS7115D4S
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Objective data sheet
Rev. 1 — 9 August 2022
37 / 74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com