Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8150 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L8150
Description  Brushless motor predriver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8150 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L8150 Datasheet HTML 5Page - STMicroelectronics L8150 Datasheet HTML 6Page - STMicroelectronics L8150 Datasheet HTML 7Page - STMicroelectronics L8150 Datasheet HTML 8Page - STMicroelectronics L8150 Datasheet HTML 9Page - STMicroelectronics L8150 Datasheet HTML 10Page - STMicroelectronics L8150 Datasheet HTML 11Page - STMicroelectronics L8150 Datasheet HTML 12Page - STMicroelectronics L8150 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
L8150
Electrical characteristcs
9/37
3
Electrical characteristcs
Tamb = 25 °C, VCC =15V, VREG = 5V unless otherwise specified
T
Table 4.
Supply Voltage Terminal VCC
No.
Item
Symbol
Terminal
Min
Typ
Max
Unit
Remark
1
current consumption 1-1
ICC1-1
VCC
10.0
20.0
mA
Table 5.
Regulator Output Terminal Vreg
NO.
Item
Symbol
Terminal
Min
Typ
Max
Unit
Remark
1
output voltage
VREG
VREG
4.7
5.0
5.3
V
2
voltage variation
∆V
REG1
VREG
40
100
mV
VCC1=12.75 to 17.25V
3
load variation
∆V
REG2
VREG
5
30
mV
IO=5 TO 20mA (note 1)
4
thermal coefficient
∆V
REG3
VREG
0
mV/
°C
Table 6.
Driver Output Terminal UH,VH,WH,UL,VL,WL
No.
Item
Symbol
Terminal
Min
Typ
Max
Unit
Remark
2
H level output voltage 2
VOH
UH,…
3.70
V
IOH=-2.5mA
4
L level output voltage 2
VOL
UH,…
0.40
V
IOL=2.5mA
Table 7.
Dead Time Select Terminal SD
No.
Item
Symbol
Terminal
Min
Typ
Max
Unit
Remark
1
H level input voltage
VSDTH
SDT
9/10 Vreg
Vreg
V
dead time =0 usec
2
M level input voltage
VSDTM
SDT
4/10 Vreg
6/10 Vreg
V
dead time=1.5usec
(Tdeadtime=15xTck)
3
L level input voltage
VSDTL
SDT
0
1/10 Vreg
V
dead time=1.0usec
(Tdeadtime=10xTck)
Table 8.
Hall Sensor Input Terminal HUP,HUN,HVP,HVN,HWP,HWN
No.
Item
Symbol
Terminal
Min
Typ
Max
Unit
Remark
1
input bias current
IHB(HA)
HUP,…
-2
uA
2
common mode input
range
VICM
HUP,…
0.50
3.00
V
for hall device
3
input voltage range
VI
HUP,…
0.00
5.00
V
for hall IC, note 2
4
hall input sensitivity
HUP,…
50
mVp-p
5
hysteresis width
∆V
IN(HA)
HUP,…
20
30
50
mV
6
hysteresis L -> H
VSLH(HA)
HUP,…
5
15
25
mV
7
hysteresis H -> L
VSHL(HA)
HUP,…
-25
-15
-5
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com