Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8150 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L8150
Description  Brushless motor predriver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8150 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L8150 Datasheet HTML 13Page - STMicroelectronics L8150 Datasheet HTML 14Page - STMicroelectronics L8150 Datasheet HTML 15Page - STMicroelectronics L8150 Datasheet HTML 16Page - STMicroelectronics L8150 Datasheet HTML 17Page - STMicroelectronics L8150 Datasheet HTML 18Page - STMicroelectronics L8150 Datasheet HTML 19Page - STMicroelectronics L8150 Datasheet HTML 20Page - STMicroelectronics L8150 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
L8150
Operating description
17/37
Figure 5.
16 bit counter operation
Smooth Drive basic functionality is to apply to the motor the voltage waveforms represented
in the following pictures (Figure 6) in case of forward rotation (CW).
Figure 6.
Smooth drive pattern (forward)
This kind of profile, which realizes waveforms that are differentially sinusoids, is digitally
described by a table of 36 8-bit samples stored in a decoding circuit. The final amplitude of
the voltage applied on the outputs is obtained by multiplying each sample by a value
generated through an 8-bit ADC, whose input is coming from the speed control.
The motor is controlled in voltage mode, so no current control compensation network is
required. Actuation is done on motor windings through a fixed frequency PWM conversion.
Since Smooth Drive is basically a voltage mode driving there can be the need of shifting the
applied profile with respect to the BEMF (here sensed through the Hall sensors). This
applied phase shift is called Torque Optimizer.
The value (expressed in electrical degrees, hereafter referred to as degrees) can be chosen
applying an analog voltage to TO pin, that will be internally converted using a 4-bit A/D.
The phase shift range is from 2.5 to 40 degrees with a 2.5-degrees step. As a reference the
correspondence between phase shift values and analog voltages is reported in Table 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com