Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8150 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L8150
Description  Brushless motor predriver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8150 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L8150 Datasheet HTML 19Page - STMicroelectronics L8150 Datasheet HTML 20Page - STMicroelectronics L8150 Datasheet HTML 21Page - STMicroelectronics L8150 Datasheet HTML 22Page - STMicroelectronics L8150 Datasheet HTML 23Page - STMicroelectronics L8150 Datasheet HTML 24Page - STMicroelectronics L8150 Datasheet HTML 25Page - STMicroelectronics L8150 Datasheet HTML 26Page - STMicroelectronics L8150 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
L8150
Operating description
23/37
5.3
Speed Control Circuitry
The rotation speed control signal (VSP) is an external signal, whose range is 2.1V
÷5.4V.
This signal is amplified by an inverting amplifier which takes as reference a voltage derived
from VREG through a voltage divider.
The amplifier output is the input signal of an 8-bit ADC which generates the digital word
KVAL, used to determine the duty cycle value according to the following Figure 13:
Speed control:
Intout 0-0.7V: duty =100% for smooth drive
(max duty is limited at about 95% for rectangular as shown in the following figure)
Intout 0.7-3.7V: duty control 100-0%
Intout 3.7-4.5: duty = 0 %
Intout 4.5V - 5V (VREG): all power off (all 6 output = GND)
(Each Vth depends linearly on VREG, being obtained by means of voltage dividers).
Figure 13.
Duty cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com