Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8150 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L8150
Description  Brushless motor predriver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8150 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L8150 Datasheet HTML 20Page - STMicroelectronics L8150 Datasheet HTML 21Page - STMicroelectronics L8150 Datasheet HTML 22Page - STMicroelectronics L8150 Datasheet HTML 23Page - STMicroelectronics L8150 Datasheet HTML 24Page - STMicroelectronics L8150 Datasheet HTML 25Page - STMicroelectronics L8150 Datasheet HTML 26Page - STMicroelectronics L8150 Datasheet HTML 27Page - STMicroelectronics L8150 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Precharge and hall effects filtering time description
L8150
24/37
6
Precharge and hall effects filtering time description
6.1
Startup sequence with FS signal
●
Let’s startup sequence forced by FS comparator, assuming the motor is not rotating:
Figure 14.
Startup sequence forced by FS comparator, assuming the motor is not
rotating
When the signal coming from the FS comparator has a falling edge (corresponding to a Vsp
signal crossing the 1.23V threshold), the logic starts counting, to verify if the motor is
rotating or not. If the motor is stopped and no Hall effect commutation is detected, the
counter has reached its saturation time, given by the following equation:
N.B. TelMAX is equal to TMAX used in the previous sections of this document.
After this saturation time the logic has decided to do a precharge function, and for a period
of time given by the following equation all the output logic signals UL,VL,WL become high
while the signals UH, VH, WH are low.
When the precharge is over, the logic outputs start applying the right rectangular pattern to
accelerate the motor.
During this sequence the Hall filtering time is 400usec until the first rising edge on signal
HallU is detected. Then a filter given by the following equation is used:
T
∆ZC is the elapsed time between two consecutive zero-crossing signals. By default a zero-
crossing signal is generated when a falling edge of the FS comparator is detected, and after
that a zero-crossing signal is generated when a rising edge on signal HallU is detected.
FS
PRECHARGE
ZC
HALL BUS
FILTER TIME
PHASES
PHASES EXCITED
400 us
400 us
400 us
T∆zc/576
T∆zc
Tel
U
TelMax/6
MOTOR ACCELERATING
400 us
400 us
Tel
MAX
7MHz
()
1
–
141.5msec
Tel
MAX
6
---------------------
24msec
≅
⇒
≅
=
T
CHARGE
4096 T
ck
400
µsec
≅
⋅
=
T
FILTER
1
576
---------- T
∆
ZC
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com