Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8150 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L8150
Description  Brushless motor predriver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8150 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L8150 Datasheet HTML 15Page - STMicroelectronics L8150 Datasheet HTML 16Page - STMicroelectronics L8150 Datasheet HTML 17Page - STMicroelectronics L8150 Datasheet HTML 18Page - STMicroelectronics L8150 Datasheet HTML 19Page - STMicroelectronics L8150 Datasheet HTML 20Page - STMicroelectronics L8150 Datasheet HTML 21Page - STMicroelectronics L8150 Datasheet HTML 22Page - STMicroelectronics L8150 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
L8150
Operating description
19/37
In case of reverse rotation (CCW), Smooth Drive applies the voltage profiles represented in
the following pictures (Figure 8).
Figure 8.
Smooth Drive Pattern (Reverse)
In case sinusoidal mode cannot be applied, a rectangular pattern will be applied, that is
driving one phase fixed to GND, one phase in tri-state while the other is switching from low
to high with a duty cycle depending on the ADC conversion , max. duty cycle about 95%,
according to the following diagram:
Figure 9.
Rectangular drive pattern (forward)
The diagram (Figure 9) is showing the applied driving pattern in case of applied torque in
forward (continuous blue line) direction, while in case of reverse (continuous red line)
direction, the applied pattern can be found in the following picture (Figure 10); in both
pictures the meaning of the pattern line is the following: when the line is low, the
correspondent winding is driven continuously low; when the line is high, the winding is
driven with a duty cycle defined from the ADC conversion at a frequency 512 times slower
than the clock. On the other hand, when the line is at middle height the correspondent
phase will be left tri-stated.
HallU
OutU
OutV
OutW
Phase shift
HallU
HallU
OutU
OutV
OutW
Phase shift
HallU
HallV
HallW
OutU
OutV
OutW
HallU
HallV
HallW
HallU
HallV
HallW
OutU
OutV
OutW
HallU
HallV
HallW
HallU
HallV
HallW
OutU
OutV
OutW
HallU
HallV
HallW
OutU
OutV
OutW
HallU
HallV
HallW
HallU
HallV
HallW
HallU
HallV
HallW
OutU
OutV
OutW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com