Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8150 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L8150
Description  Brushless motor predriver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8150 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L8150 Datasheet HTML 21Page - STMicroelectronics L8150 Datasheet HTML 22Page - STMicroelectronics L8150 Datasheet HTML 23Page - STMicroelectronics L8150 Datasheet HTML 24Page - STMicroelectronics L8150 Datasheet HTML 25Page - STMicroelectronics L8150 Datasheet HTML 26Page - STMicroelectronics L8150 Datasheet HTML 27Page - STMicroelectronics L8150 Datasheet HTML 28Page - STMicroelectronics L8150 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
L8150
Precharge and hall effects filtering time description
25/37
Assumed this operation mode, it is easy to understand that as soon as the startup sequence
is over, Hall effects commutations are filtered using a fraction of the electrical period given
by the following equation, since T
∆ZC is equal to TEL when two consecutive zero-crossing
signals generated by a rising edge on signal HallU are detected:
●
Let's consider a startup sequence forced by FS comparator, supposing the motor
rotating quickly in the direction imposed by the FR signal:
Figure 15.
Startup sequence forced by FS comparator, supposing the motor rotating
quickly in the direction imposed by the FR signal:
When the signal coming from the FS comparator has a falling edge, by default a zero-
crossing signal is generated and the logic waits for a Hall effect commutation and applies to
it a filtering time of TPRECHARGE=400µsec. The first significant zero-crossing signal is
generated.
Also the second Hall effect commutation is filtered using TPRECHARGE, after that the second
zero-crossing signal is generated.
Starting from the second Hall effect commutation, after the acquisition of the filtered Hall
commutation, the logic outputs start applying the right pattern, and the motor is able to
accelerate again.
The next filtering time used for the Hall commutation is a fraction of the elapsed time
between the first two Hall effect commutations, according to the previous TFILTER equation.
This filtering time is used until the first rising edge on signal HallU is detected and a zero-
crossing signal is generated. After that the filtering time used is a fraction of the elapsed
time between the last two detected zero-crossing signals, in other words between the
second Hall effect commutation and the rising edge on signal HallU. Finally, when the
second rising edge on signal HallU is detected, the filtering time used is a fraction of the
electrical period, as described in previous TFILTER-ROTATING equation.
●
Let's consider a startup sequence forced by FS comparator, supposing the motor
rotating quickly in the direction opposite to that imposed by the FR signal:
T
FILTER
ROATING
–
1
576
---------- T
∆
ZC
1
576
---------- T
EL
⋅
=
⋅
=
FS
ZC
HALL BUS
FILTER TIME
PHASES
PHASES EXCITED
T∆zc’’/576
T∆zc’
Tel
U
MOTOR ACCELERATING
400 us
T∆zc’’
T∆zc’/576
T∆zc’/576
T∆zc’/576
T∆zc’’/576
400 us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com