Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8150 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L8150
Description  Brushless motor predriver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8150 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L8150 Datasheet HTML 18Page - STMicroelectronics L8150 Datasheet HTML 19Page - STMicroelectronics L8150 Datasheet HTML 20Page - STMicroelectronics L8150 Datasheet HTML 21Page - STMicroelectronics L8150 Datasheet HTML 22Page - STMicroelectronics L8150 Datasheet HTML 23Page - STMicroelectronics L8150 Datasheet HTML 24Page - STMicroelectronics L8150 Datasheet HTML 25Page - STMicroelectronics L8150 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Operating description
L8150
22/37
Figure 12.
Filter Block Diagram
The filter working principle is explained in the previous diagram (Figure 12): the main
component of the filter circuit is a 12-bit counter that is reset (to the value 0) whenever the
PosFil signal is equal to the Pos one. When the two signals are different (meaning that a
transition is happening), the counter will start counting as long as one of the following
conditions will occur:
●
Pos signal is again equal to former PosFil: in this case a noise is generating some Hall
comparator commutation,
●
the counter has reached or overcome the value set by Filter Length signal: in this case
the internal Hall signals will be latched into the PosFil register; immediately after this
event, PosFil will become equal to Pos and the counter will be reset.
At the same time (at the end of the filtering time), a flip-flop detecting the direction is
updated with the right direction information according to the former Hall decoding PosFil and
the new one Pos, immediately before latching it into the register.
12-bit Filter Length is set to two values according to different possibilities:
●
maximum filtering time, corresponding to 4096 clock periods (
≈420us in the typical
case, same used for pre-charge function) when an hall effect commutation is detected
just after a startup signal edge (SD or FS) and before TMAX/6 is elapsed. This filtering
time is also used when the motor accelerate starting from a stopped condition (no hall
effect commutation is detected from FS or SD edge to TMAX/6)
●
the filter length is a fraction of the elapsed time between two Zero Crossing signal (ZC).
During normal working (in case motor period is shorter than TMAX) it is equivalent to
0.625 electrical degrees.
A ZC signal is produced every time one of these situations happens:
●
a falling edge of the FS signal is detected
●
a rising edge of the HallU signal is detected
●
any hall effect commutations when the high impedance condition is forced by the IC
and the motor is in free-run condition
>=
¹
=
12 BIT
COUNTER
POS FIL
REGISTER
ck
Pos
PosFil
PosFil
Latch
Enable
Filter
Length
Reset
3
12
12
DELAY
1 Tclk
>=
¹
=
12 BIT
COUNTER
POS FIL
REGISTER
ck
Pos
PosFil
PosFil
Latch
Enable
Filter
Length
Reset
3
12
12
DELAY
1 Tclk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com