Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8150 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L8150
Description  Brushless motor predriver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8150 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L8150 Datasheet HTML 10Page - STMicroelectronics L8150 Datasheet HTML 11Page - STMicroelectronics L8150 Datasheet HTML 12Page - STMicroelectronics L8150 Datasheet HTML 13Page - STMicroelectronics L8150 Datasheet HTML 14Page - STMicroelectronics L8150 Datasheet HTML 15Page - STMicroelectronics L8150 Datasheet HTML 16Page - STMicroelectronics L8150 Datasheet HTML 17Page - STMicroelectronics L8150 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
General description
L8150
14/37
4.5
Protection Functions
–
Over-current protection: Low side current recirculation for both smooth and
rectangular drive in normal working condition.
–
Over-voltage protection: compare motor supply VDC (140V, 280V) and IC internal
reference. All power transistor OFF (all 6 outputs = GND) during over-voltage.
Return to normal operation if VDC is recovered from over-voltage condition. An
hysteresis is present.
Lower voltage protection: all power TR OFF (all 6 outputs = GND), if VCC is lower than a
defined voltage threshold (All power Transistors OFF if VCC is between 0 to the defined
voltage threshold). Return to normal operation if VCC is recovered from lower voltage
condition. An hysteresis is present.
Thermal protection: all power transistors OFF by external thermal sense signal. If signal is
high (exceeds Vth), the power is OFF (all 6 output = GND).
Hall sensor fail protection: all power transistor OFF (all output = GND) if Hall signals are
HHH or LLL (Hall signals after digital filter are used).
Power ON reset (SD): internal logic reset when power ON or recovery from short time Power
OFF. All power transistor OFF (all 6 outputs = GND) during reset.
4.6
PWM
carrier frequency: 17-21kHz for Tj = 0 to 125 deg, 18kHz - 20.4kHz for Tj = 25 °C.
4.7
System Clock
Internal oscillator: Fsys =1/Tck= 9.8 MHz typical value.
One pin for external resistor sets the clock frequency (OSC pin).
4.8
External HVIC Bootstrap Capacitor Initialization
Lower arm ALL ON (3 outputs for low side are High, 3 outputs for High side are GND) when
VSP becoming ON (free run release), (while this initialization should not be done when VSP
becoming OFF) initializing time is 0.333 - 0.5 msec.
4.9
Package
28 pins SO28. It is suitable for both reflow and flow soldering.
4.10
Others
Upper and lower arm PWM during rectangular drive; it means both side (upper and lower)
chopping, not one side chopping, during rectangular drive).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com