Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8150 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L8150
Description  Brushless motor predriver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8150 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L8150 Datasheet HTML 9Page - STMicroelectronics L8150 Datasheet HTML 10Page - STMicroelectronics L8150 Datasheet HTML 11Page - STMicroelectronics L8150 Datasheet HTML 12Page - STMicroelectronics L8150 Datasheet HTML 13Page - STMicroelectronics L8150 Datasheet HTML 14Page - STMicroelectronics L8150 Datasheet HTML 15Page - STMicroelectronics L8150 Datasheet HTML 16Page - STMicroelectronics L8150 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
L8150
General description
13/37
4
General description
4.1
Drive stage
Voltage-controlled PWM drive.
Smooth drive architecture (see following dedicated paragraph).
External sense resistor as current limiter.
FR terminal: Low = Forward, High or Open = Backward.
4.2
Output
U, V, W upper and lower arm power transistors control output (6 outputs)
CMOS level (Low: 0V, High: 5V, need output buffer)
dead time (0, 1usec, 1.5usec selectable).
4.3
I/O
FG output: multiplexed by Hall signal (open drain)
(Hall signal after digital filter are used)
Forward/backward control
FAULT output: monitor signal for protection operation (low active, open drain), active if one
of over voltage, lower voltage, thermal protection, Hall sensor fail protection is operative
Torque optimizer: controlled by analog input
DM output is the monitor signal of Hall input sequence:
–
IF UVW hall signal sequence is as the direction set by FR, DM=H
–
IF UVW hall signal sequence is opposite for the direction set by FR, DM=L
–
Reset or some case in which UVW sequence can not be monitored, DM=H (Hall
signals after digital filter are used for this control).
4.4
Hall Sensor Input Terminals
There are 2 types of application, Hall device and Hall IC
Hall Device application: differential inputs with some bias
Hall IC application: one input is fixed around VREG/2 by resistor divider between VREG and
GND the other input comes from Hall IC whose span is between 0 and 5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com