Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8150 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L8150
Description  Brushless motor predriver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8150 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L8150 Datasheet HTML 7Page - STMicroelectronics L8150 Datasheet HTML 8Page - STMicroelectronics L8150 Datasheet HTML 9Page - STMicroelectronics L8150 Datasheet HTML 10Page - STMicroelectronics L8150 Datasheet HTML 11Page - STMicroelectronics L8150 Datasheet HTML 12Page - STMicroelectronics L8150 Datasheet HTML 13Page - STMicroelectronics L8150 Datasheet HTML 14Page - STMicroelectronics L8150 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
L8150
Electrical characteristcs
11/37
l
Note:
1
If 20mA is a problem for design because of power dissipation etc., it can be reduced to
something like 5mA
2
one input is set at 2.5V by means of a resistor divider. The other input moves from 0V to
Vreg. The Hall comparator must operate correctly for all its input range.
3
Opamp need to be designed to meet with Kval control by VSP.
External circuit for Vsp control (example) is shown in following Figure 4.
The tolerance at Vsp including external resistor (E96) is as follows:
mini
typ
max
V1(V)
0.85
1.23
1.6
V2(V)
1.7
2.1
2.5
V3(V)
4.9
5.4
6.1
4
FR and INTin+ are used to set test mode as follows:
Test mode is set by 8 events (clock rising edges) on FR during INTin+>4.5
(Power is kept as high-impedance for INTin+ > 4.5 until 7th event occur)
(counter for FR is reset by INTin+ < 4.5)
Table 16.
Over Voltage Protection Terminal OV
No.
Item
Symbol
Terminal
Min
Typ
Max
Unit
Remark
1
H level input voltage (operative)
VIH (OV)
OV
-6%
3.0
+6%
V
2
Hysteresis width
VIS (OV)
OV
0.3
0.4
V
Table 17.
Low Voltage Protection
No.
Item
Symbol
Terminal
Min
Typ
Max
Unit
Remark
1
operation voltage
VIL (LV)
LV
10
11
12
V
2
release voltage
VIH (LV)
LV
10.35
11.50
12.65
V
3
hysteresis width
VIS (LV)
LV
0.35
0.50
0.65
V
Table 18.
FAULTS Output Terminal FAULTS
No.
item
symbol
terminal
MIN
TYP
MAX
unit
remark
1
output saturation voltage
VFaultsL
FAULTS
0.50
V
Io=15mA, open drain
2
output leak current
IFaultsleak
FAULTS
10
uA
Vo=17.25V
Table 19.
Rotation Direction Detection Terminal DM
No.
Item
Symbol
Terminal
Min
Typ
Max
Unit
Remark
1
output saturation voltage
VDML
DM
0.50
V
Io=15mA, open drain
2
output leak current
IDMleak
DM
10
uA
Vo=17.25V
Table 20.
KVAL Contro
No.
Item
Symbol
Terminal
Min
Typ
Max
Unit
Remark
1
FS threshold voltage
INTout
-3%
4.5Vreg/5
+3%
V
Note 3
2
KVAL Min voltage
INTout
-3%
3.7Vreg/5
+3%
V
Note 3
3
KVAL max voltage
INTout
-7%
0.7Vreg/5
+7%
V
Note 3
4
FS Hysteresis
INTout
70.0
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com