Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B0IB Datasheet(PDF) 127 Page - STMicroelectronics

Part # STM32H7B0IB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0IB Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STM32H7B0IB Datasheet HTML 123Page - STMicroelectronics STM32H7B0IB Datasheet HTML 124Page - STMicroelectronics STM32H7B0IB Datasheet HTML 125Page - STMicroelectronics STM32H7B0IB Datasheet HTML 126Page - STMicroelectronics STM32H7B0IB Datasheet HTML 127Page - STMicroelectronics STM32H7B0IB Datasheet HTML 128Page - STMicroelectronics STM32H7B0IB Datasheet HTML 129Page - STMicroelectronics STM32H7B0IB Datasheet HTML 130Page - STMicroelectronics STM32H7B0IB Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 205 page
background image
Figure 44. OctoSPI Hyperbus write
NCS
Access latency
Latency count
Command address
47:40 39:32 31:24 23:16
15:8
7:0
Dn
A
Dn
B
Dn+1
A
Dn+1
B
Host drives DQ[7:0] and the memory drives RWDS.
Host drives DQ[7:0] and RWDS.
CLK, NCLK
RWDS
DQ[7:0]
tw(CS)
tv(RWDS)
tv(CLK)
th(CLK)
High = 2x latency count
Low = 1x latency count
Read write recovery
th(OUT)
tv(OUT)
th(OUT)
tv(OUT)
th(OUT)
tv(OUT)
6.3.20
Delay block (DLYB) characteristics
Unless otherwise specified, the parameters given in Table 90. Delay Block characteristics for Delay Block are
derived from tests performed under the ambient temperature, frcc_cpu_ck frequency and VDD supply voltage
summarized in Table 20. General operating conditions, with the following configuration:
Table 90. Delay Block characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tinit
Initial delay
-
1400
1700
2700
ps
t∆
Unit Delay
-
40
47
59
6.3.21
16-bit ADC characteristics
Unless otherwise specified, the parameters given in Table 91. ADC characteristics are derived from tests
performed under the ambient temperature, fPCLK2 frequency and VDDA supply voltage conditions summarized
in Table 20. General operating conditions.
Table 91. ADC characteristics
Symbol
Parameter
Conditions
Min(1)
Typ(1)
Max(1)
Unit
VDDA
Analog power supply
for ADC ON
-
1.62
-
3.6
V
VREF+(2)
Positive reference
voltage
VDDA ≥ 2 V
1.62
-
VDDA
VDDA < 2 V
VDDA
VREF-(2)
Negative reference
voltage
-
VSSA
fADC
ADC clock frequency
1,62 V ≤VDDA ≤ 3.6 V
BOOST =
11
0.12
-
50
MHz
BOOST =
10
0.12
-
25
BOOST =
01
0.12
-
12.5
BOOST =
00
-
-
6.25
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 127/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com